Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # STS2
Description  PAN-TY Cable Ties - Polypropylene
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

STS2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  STS2 Datasheet HTML 1Page - PANDUIT CORP. STS2 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
Tensile @ yield @ 73°F (psi):
4,100 per ISO 527
Water absorption (24 hours):
0.1% per ASTM D570
Radiation resistance (Rads):
1x106
Weathering life expectancy (years)/
7 – 9 years – Weather Resistant (100)
UV resistance:
1 year – Natural (109)
Max. continuous use temperature:
239°F (115°C) per UL 746B
Min. application use temperature:
-76°F (-60°C) per EN 50146
Heat deflection temperature
122°F (50°C) per ASTM D648 ISO 75 -1/-2
@ 1.8 Mpa:
Chemical resistance:
Salts
Excellent
Hydrocarbons (Gas, Oil, Lubricants)
Good
Chlorinated Hydrocarbons
Good
Acids
Excellent
Bases
Excellent
Acid Rain
Excellent
Impact resistance:
Very Good
key features and benefits
applications
technical information
specifications
Mechanical and chemical attributes of natural and
weather resistant polypropylene cable ties shall
provide superior resistance to chemical attack
when exposed to various concentrations of salts,
bases, and acids. In addition, polypropylene ties
shall be buoyant in liquid applications and shall
float to the surface where they can be seen
and recovered.
Polypropylene material
Resists chemical attack when exposed to salts, bases, and
acids in various concentrations to help maintain cable tie
performance in harsh conditions
Buoyancy
Cable tie will float to the surface of most liquids so the tie
can easily be seen and removed
One-piece design with
Provides low thread force for easy and reliable installation;
locking wedge
improves productivity and reduces operator fatigue
Curved, tapered tip
Threads easily into head; installs quickly for
(on applicable sizes)
improved productivity
Distinct green color
Easy to identify for operators and/or inspectors to ensure
(natural ties)
the proper cable tie is used in the right application
(indoor use)
Black color with
Allows ties to withstand exposure to sunlight; contributes
ultraviolet inhibitor
to weathering life expectancy (7 – 9 years)
(weather resistant ties)
Polypropylene cable ties are used to fasten
wiring and hoses in the chemical process
industry and related harsh environments.
Ideal for applications that demand a cable
tie material that provides superior chemical
resistance to salts, bases, and acids in
various solutions and concentrations.
®
SPECIFICATION SHEET
PAN-TY ® Cable Ties – Polypropylene
Polypropylene Cable Ties
Miniature Cross Section
11 Lbs. (49N) Min. Loop Tensile
Natural:
PLT1M-M109
Weather
Resistant:
PLT1M-M100
Intermediate Cross Section
18 Lbs. (80N) Min. Loop Tensile
Natural:
PLT1.5I-M109
Weather
Resistant:
PLT1.5I-M100
Standard Cross Section
30 Lbs. (133N) Min. Loop Tensile
Natural:
PLT2S-M109,
PLT3S-M109,
PLT4S-M109
Weather
Resistant:
PLT2S-M100,
PLT3S-M100,
PLT4S-M100
Light-Heavy Cross Section
50 Lbs. (222N) Min. Loop Tensile
Natural:
PLT2H-TL109,
PLT3H-TL109,
PLT4H-TL109
Weather
Resistant:
PLT2H-TL100,
PLT3H-TL100,
PLT4H-TL100
Recommended Installation Tools *
Hand tools
tool controlled
tension and
cut-off:
GTS, GTSL,
GS2B, GS4H,
GS4EH
Hand tools
installer controlled
tension and
cut-off:
STS2, STH2,
ST3EH
Pneumatic tools:
PTS, PPTS,
PTH
*See Page 2 for tool setting information.


Similar Part No. - STS2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STS2 PANDUIT-STS2 Datasheet
81Kb / 1P
Cable Tie Tools – Installer Controlled Tension and Cut-Off
STS2 PANDUIT-STS2 Datasheet
147Kb / 2P
Nylon 612 Cable Ties
12/2022
logo
STMicroelectronics
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
Low gate drive power losses
17-Mar-2010
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL Datasheet
305Kb / 12P
N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
31-Jan-2007
More results

Similar Description - STS2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
PAN-TY CABLE TIE - PLT SERIES
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLM1M-M PANDUIT-PLM1M-M Datasheet
51Kb / 1P
PAN-TY MARKER PLM SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PL3B5EH-C0 PANDUIT-PL3B5EH-C0 Datasheet
132Kb / 1P
Pan-Ty Triple Loop Cable Tie ?밯eather Resistant Nylon 6.6
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com