Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65701 Datasheet(PDF) 3 Page - EPCOS

Part # B65701
Description  Ferrites and accessories
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65701 Datasheet(HTML) 3 Page - EPCOS

  B65701 Datasheet HTML 1Page - EPCOS B65701 Datasheet HTML 2Page - EPCOS B65701 Datasheet HTML 3Page - EPCOS B65701 Datasheet HTML 4Page - EPCOS B65701 Datasheet HTML 5Page - EPCOS B65701 Datasheet HTML 6Page - EPCOS B65701 Datasheet HTML 7Page - EPCOS B65701 Datasheet HTML 8Page - EPCOS B65701 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-2
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped (AL values/air gaps examples)
Ungapped
Other AL values/air gaps and materials available on request – see Processing remarks on page 7.
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.33
45
136
—
6120
0.32
46
145
117
6670
mm–1
mm
mm2
mm2
mm3
m36
38
g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
N48
250
 3%
0.72
66
B65701+0250A048
400
 3%
0.40
105
B65701+0400A048
630
 3%
0.22
166
B65701+0630A048
1000
 3%
0.12
263
B65701+1000A048
2000
10%
0.05
527
B65701D2000K048
Material
AL value
nH
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
M33
2400 +30/–20%
630
B65701D0000R033
N48
6200 +30/–20% 1630
B65701D0000R048
N30
11500 +30/–20% 2900
B65701W0000R030
T38
28000 +40/–30% 7070
B65701W0000Y038
N87
6400 +30/–20% 1620
< 2.5 (200 mT, 100 kHz, 100 °C) B65701W0000R087
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65701
Core
P 30
 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com