Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PTH
Description  Nylon 612 Cable Ties
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PTH Datasheet(HTML) 1 Page - PANDUIT CORP.

  PTH Datasheet HTML 1Page - PANDUIT CORP. PTH Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nylon 612 Cable Ties
w w w.panduit .com
S PE C I FI C A T I ON S H E E T
t e ch n ic a l i n f or m a t i on
Tensile @ yield @ 73° F (psi)
9,300 per ISO 527
Water absorption (24 Hours)
0.4% per ASTM D570
Weathering Life Expectancy (Years) /
UV Resistance
20*
Max. continuous use temperature
194°F (90°C) per UL 746B
Min. installation temperature
-4°F (-20°C) or +32°F (0°C)
Halogen-Free
Yes
Heat Deflection Temperature @ 1.8 Mpa
158°F (70°C) per ASTM D648 ISO 75 - 1/-2
Chemical resistance
High
Salts
High
Hydrocarbons (Gas, Oil, Lubricants)
Excellent
Chlorinated Hydrocarbons
High
Base
High
Acid Rain
High
Impact Resistance
Good
k e y f e a t u r e s a n d be ne fi t s
Nylon 612 material
Resist chemical attack when exposed to salts,
hydrocarbons, chlorinated hydrocarbons, bases, and
corrosive (zinc chloride, and diluted acids), and low
temperature indoor or outdoor applications.
Black UV resistant properties
Allows ties to withstand exposure to sunlight; contributes
to weathering life expectancy of 20 years*
One-piece design with locking wedge
Provides low thread force for easy and reliable installation;
improves productivity and reduces operator fatigue
Curved, tapered tip
Threads easily into head; installs quickly for improved
productivity
a pp l ic a t i on s
Nylon 612 offers 20 years of weathering life expectancy and resistance to zinc chlorides and diluted
acids. Ideal for wire management on galvanized surfaces / frames. Nylon 612 cable ties are suitable
for outdoor applications where temperatures range from -76°F (-60°C) up to 194°F (90°C).
*This is an estimated life expectancy and not a guarantee of life in an application.
Miniature Cross Section 20lbs (89N)
Min. Loop Tensile
Black Weather
Resistant:
PLT1M-M6120
Intermediate Cross Section 25lbs (111N)
Min. Loop Tensile
Black Weather
Resistant:
PLT1.5I-M6120
Standard Cross Section 50lbs (222N)
Min. Loop Tensile
Black Weather
Resistant:
PLT2S-M6120
PLT2.5S-M6120
PLT3S-M6120
PLT4S-M6120
Light-Heavy Cross Section 120lbs (534N)
Min. Loop Tensile
Black Weather
Resistant:
PLT4H-TL6120
PLT7LH-C6120
PLT8LH-C6120
Recommended Installation Tools
Hand Tools:
Tool controlled
tension and cut-off:
GTS-E,
GTH-E, GS2B-E,
GS4H-E, GS4EH-E
Hand Tools: Installer
controlled tension
and cut-off:
STS2, STH2, ST3EH
Pneumatic Tools:
PTS, PPTS, PTH
s p e c if ic a t i on s
Mechanical and chemical attributes of black weather resistant nylon 612
cable ties shall provide resistance to UV rays and chemical attack when
exposed to various concentrations of salts, hydrocarbons, chlorinated
hydrocarbons bases and acid rain.


Similar Part No. - PTH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
PANDUIT CORP.
PTH PANDUIT-PTH Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
PTH PANDUIT-PTH Datasheet
77Kb / 2P
PAN-TY Cable Ties - Polypropylene
3/2008
logo
Fortex Engineering Ltd
PTH-0.6TOOL FORTEX-PTH-0.6TOOL Datasheet
799Kb / 3P
PTH400 FAVORIT THROUGH HOLE MECHANICAL PRESS
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results

Similar Description - PTH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
561-N3515 ETC2-561-N3515 Datasheet
179Kb / 2P
Nylon Wire Cable Ties
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
Sta-Strap 짰 Cable Ties . Nylon 6.6
logo
Tripp Lite. All Rights ...
P35207N100 TRIPPLITE-P35207N100 Datasheet
516Kb / 1P
7.5 Nylon Cable Ties - 100-Pack
logo
OEN India Limited
04-0530MHX OENINDIA-04-0530MHX Datasheet
47Kb / 1P
Mounting Hole Nylon Cable Ties
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
04-0750PMX OENINDIA-04-0750PMX Datasheet
74Kb / 1P
Push Mount Nylon Cable Ties
logo
Tripp Lite. All Rights ...
P352-07N-100 TRIPPLITE-P352-07N-100 Datasheet
174Kb / 2P
7.5 Nylon Cable Ties - 100-Pack
logo
List of Unclassifed Man...
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com