Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65813 Datasheet(PDF) 3 Page - EPCOS

Part # B65813
Description  Ferrites and accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65813 Datasheet(HTML) 3 Page - EPCOS

  B65813 Datasheet HTML 1Page - EPCOS B65813 Datasheet HTML 2Page - EPCOS B65813 Datasheet HTML 3Page - EPCOS B65813 Datasheet HTML 4Page - EPCOS B65813 Datasheet HTML 5Page - EPCOS B65813 Datasheet HTML 6Page - EPCOS B65813 Datasheet HTML 7Page - EPCOS B65813 Datasheet HTML 8Page - EPCOS B65813 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-4
Cores without center hole
for transformer applications
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped (AL values/air gaps examples)
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.5
42
83
—
3490
0.45
44
98
90
4310
mm–1
mm
mm2
mm2
mm3
m20.7
22
g
Material
AL value
nH
s
approx.
mm
e
Ordering code1)
-D with center hole
-N with threaded sleeve
-J without center hole
N48
400
 3%
0.21
161
B65813+0400A048
630
 3%
0.13
254
B65813+0630A048
N41
250
 3%
0.44
89
B65813J0250A041
630
 5%
0.13
225
B65813J0630J041
1600
10%
0.04
572
B65813J1600K041
1) Replace the + by the code letter “D”, “N” or “J” for the required version.
B65813
Core
RM 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com