Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66029 Datasheet(PDF) 2 Page - EPCOS

Part # B66029
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66029 Datasheet(HTML) 2 Page - EPCOS

  B66029 Datasheet HTML 1Page - EPCOS B66029 Datasheet HTML 2Page - EPCOS B66029 Datasheet HTML 3Page - EPCOS B66029 Datasheet HTML 4Page - EPCOS B66029 Datasheet HTML 5Page - EPCOS B66029 Datasheet HTML 6Page - EPCOS B66029 Datasheet HTML 7Page - EPCOS B66029 Datasheet HTML 8Page - EPCOS B66029 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Please read Cautions and warnings and
Important notes at the end of this document
E 140/68/40
Core
B66029
10/24
Delivery mode: single units
Magnetic characteristics
(per set)
l/A = 0.2 mm–1
le
= 315 mm
Ae
= 1585 mm2
Amin = 1560 mm2
Ve
= 500045 mm3
Approx. weight 2467 g/set
Ungapped
Other AL values/air gaps and materials available on request – see Processing remarks on page 3.
AL value is measured according to IEC 62044-2.
Visual inspection according to IEC 63093.
Material
AL value
nH
e
PV
W/set
Ordering code
N97
12700 +30/–20%
2300
< 9.8 (100 mT, 25 kHz, 100 °C)
B66029G0000X197
N87
12200 +30/–20%
1930
< 10.0 (100 mT, 25 kHz, 100 °C)
B66029G0000X187
N88
10700 +30/–20%
1700
< 13.8 (100 mT, 25 kHz, 120 °C)
B66029G0000X188



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com