Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66036 Datasheet(PDF) 3 Page - EPCOS

Part # B66036
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66036 Datasheet(HTML) 3 Page - EPCOS

  B66036 Datasheet HTML 1Page - EPCOS B66036 Datasheet HTML 2Page - EPCOS B66036 Datasheet HTML 3Page - EPCOS B66036 Datasheet HTML 4Page - EPCOS B66036 Datasheet HTML 5Page - EPCOS B66036 Datasheet HTML 6Page - EPCOS B66036 Datasheet HTML 7Page - EPCOS B66036 Datasheet HTML 8Page - EPCOS B66036 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ferrites and accessories
Cautions and warnings
3
10/24
Mechanical stress and mounting
Ferrite cores have to meet mechanical requirements during assembling and for a growing number of
applications. Since ferrites are ceramic materials one has to be aware of the special behavior under
mechanical load.
As valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast temperature
changing or tensile load. Especially high cooling rates under ultrasonic cleaning and high static or cyclic
loads can cause cracks or failure of the ferrite cores.
For detailed information see data book, chapter “General - Definitions, 8.1”.
Effects of core combination on AL value
Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent that the
initial permeability is dependent on the stress state of the core. The higher the stresses are in the core, the
lower is the value for the initial permeability. Thus the embedding medium should have the greatest possible
elasticity.
For detailed information see data book, chapter “General - Definitions, 8.1”.
Heating up
Ferrites can run hot during operation at higher flux densities and higher frequencies.
NiZn-materials
The magnetic properties of NiZn-materials can change irreversible in high magnetic fields.
Ferrite Accessories
Our ferrite accessories have been designed and evaluated only in combination with our ferrite cores. We
explicitly point out that our ferrite accessories or our ferrite cores may not be compatible with those of other
manufacturers. Any such combination requires prior testing by the customer and will be at the customer‘s
own risk.
We assume no warranty or reliability for the combination of our ferrite accessories with cores and other
accessories from any other manufacturer.
Processing remarks
The start of the winding process should be soft. Else the flanges may be destroyed.
– Too strong winding forces may blast the flanges or squeeze the tube that the cores can not be mounted
any more.
– Too long soldering time at high temperature (>300 °C) may effect coplanarity or pin arrangement.
– Not following the processing notes for soldering of the J-leg terminals may cause solderability problems
at the transformer because of pollution with Sn oxyde of the tin bath or burned insulation of the wire. For
detailed information see chapter “Processing notes”, section 2.2.
– The dimensions of the hole arrangement have fixed values and should be understood as a
recommendation for drilling the printed circuit board. For dimensioning the pins, the group of holes can
only be seen under certain conditions, as they fit into the given hole arrangement.
To avoid problems when mounting the transformer, the manufacturing tolerances for positioning the
customers’ drilling process must be considered by increasing the hole diameter.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com