Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66365 Datasheet(PDF) 2 Page - EPCOS

Part # B66365
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66365 Datasheet(HTML) 2 Page - EPCOS

  B66365 Datasheet HTML 1Page - EPCOS B66365 Datasheet HTML 2Page - EPCOS B66365 Datasheet HTML 3Page - EPCOS B66365 Datasheet HTML 4Page - EPCOS B66365 Datasheet HTML 5Page - EPCOS B66365 Datasheet HTML 6Page - EPCOS B66365 Datasheet HTML 7Page - EPCOS B66365 Datasheet HTML 8Page - EPCOS B66365 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-6
For SMPS transformers with optimum
weight/performance ratio at small volume
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.6 mm–1
le
= 103 mm
Ae = 173 mm2
Amin = 172 mm2
Ve = 17800 mm3
Approx. weight 94 g/set
Ungapped
1) H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm)
and one gapped core (dimension g > 0 mm).
Other AL values/air gaps and materials available on request ─ see Processing remarks on page 5.
Material AL value
nH
e
BS
mT
PV
W/set
Ordering code
N27
3300 +30/–20% 1560 3201) < 3.48 (200 mT, 25 kHz, 100 °C) B66365G0000X127
N87
3500 +30/–20% 1650 3201) < 9.40 (200 mT, 100 kHz, 100 °C) B66365G0000X187
N97
3600 +30/–20% 1720 3201) < 8.00 (200 mT, 100 kHz, 100 °C) B66365G0000X197
N95
4400 +30/–20% 2085 3301) < 8.85 (200 mT, 100 kHz, 100 °C)
<10.20 (200 mT, 100 kHz, 25 °C)
B66365G0000X195
Material
g
mm
AL value
approx.
nH
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.20
0.02
862
407
B66365G0200X1**
N87
0.50
0.05
438
207
B66365G0500X1**
1.00
0.05
262
124
B66365G1000X1**
1.50
0.05
194
92
B66365G1500X1**
2.00 ±0.05
150
70
B66365G2000X1**
B66365
Core
ETD 44/22/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com