Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72214P2 Datasheet(PDF) 2 Page - EPCOS

Part # B72214P2
Description  SIOV metal oxide varistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214P2 Datasheet(HTML) 2 Page - EPCOS

  B72214P2 Datasheet HTML 1Page - EPCOS B72214P2 Datasheet HTML 2Page - EPCOS B72214P2 Datasheet HTML 3Page - EPCOS B72214P2 Datasheet HTML 4Page - EPCOS B72214P2 Datasheet HTML 5Page - EPCOS B72214P2 Datasheet HTML 6Page - EPCOS B72214P2 Datasheet HTML 7Page - EPCOS B72214P2 Datasheet HTML 8Page - EPCOS B72214P2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Terminals: tinned wire
Features
High performance with smaller disk diameter
Wide operating voltage range 130 ... 460 VRMS
All types duty cycle @ 6 kV/ 3 kA = >10 pulses, according to IEC 62368-1; G.8.2 and IEC
60950-1; Annex Q, IEC 61051-2
All types In @ 3 kA = >15 impulses according to UL 1449, 4th edition surge current generator
(8/20 µs), type 5 listed
Multiple pulse handling capability
Approvals
UL
CSA
VDE
IEC
Delivery mode
Bulk (standard), taped versions on reel or in Ammo pack upon request.
For further details refer to chapter "Taping, packaging and lead configuration" for leaded
varistors.
General technical data
Climatic category
to IEC 60068-1
40/105/56
Operating temperature
to IEC 61051
40 ... +105
°C
Storage temperature
40 ... +125
°C
Electric strength
to IEC 61051
≥ 2.5
kVRMS
Insulation resistance
to IEC 61051
≥ 100
M
Ω
Leaded varistors
B72214P2***
AdvanceD-MP, S14 compact series
Page 2 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com