Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # STH2
Description  Cable Tie Tools – Installer Controlled Tension and Cut-Off
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

STH2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  STH2 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• Economical series of tools for maintenance or
construction applications
• Excellent tools for low volume applications
Cable Tie Tools – Installer Controlled Tension and Cut-Off
Cable tie cross section sizes: SM = Subminiature, M = Miniature, I = Intermediate, S = Standard,
HS = Heavy-Standard, LH = Light-Heavy, H = Heavy, EH = Extra-Heavy.
STS2
Installation Procedure (STS2/STH2/ST3EH):
Install cable tie around bundle and
tension tie by squeezing tool handle.
Reduce tension slightly and twist tool 1/4"
turn either direction to cut off excess cable tie.
Installation Procedure (STHV):
Install cable tie around bundle and
tension tie by squeezing tool handle.
A separate lever cuts off excess cable tie.
STS2
STH2
ST3EH
STHV
Part
Number
Used
with
Cable
Ties
Color
Weight
Part Features
Std.
Pkg.
Qty.
Oz.
g
STS2
M, I, S
Black
2.5
71
Economical tool with short handle
span and top loading feature for right-
or left-handed users.
1
STH2
S, HS, LH, H
Red
2.5
71
Economical tool with short handle
span and top loading feature for right-
or left-handed users.
1
ST3EH
LH, H, EH
Blue/Black
9.0
256
Durable, all steel construction with
comfortable plastic handles.
1
STHV
LH, H
Yellow
12.0
341
Durable all steel construction
and “ travel stop” to prevent
pinched fingers.
1


Similar Part No. - STH2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STH2 PANDUIT-STH2 Datasheet
77Kb / 2P
PAN-TY Cable Ties - Polypropylene
3/2008
STH2 PANDUIT-STH2 Datasheet
147Kb / 2P
Nylon 612 Cable Ties
12/2022
logo
STMicroelectronics
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
13-Jul-2022
STH200N55F3-2 STMICROELECTRONICS-STH200N55F3-2 Datasheet
483Kb / 11P
N-channel 55 V, 1.8 mΩ, 160 A, H2PAK STripFET™ III Power MOSFET
30-Jul-2009
STH210N75F6-2 STMICROELECTRONICS-STH210N75F6-2 Datasheet
905Kb / 16P
High avalanche ruggedness
July 2012 Rev 2
More results

Similar Description - STH2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011184064 MOLEX11-0011184064 Datasheet
20Kb / 1P
Cut-off Punch
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
Cut-off Punch
0011404418 MOLEX-0011404418 Datasheet
34Kb / 1P
Cut-off Punch
11/02/2021
0011184447 MOLEX-0011184447 Datasheet
23Kb / 1P
Cut-off Punch
08/25/2022
0011184593 MOLEX-0011184593 Datasheet
25Kb / 1P
Cut-off Punch
08/25/2022
logo
HellermannTyton.
110-05005 HELLERMANNTYTON-110-05005 Datasheet
145Kb / 2P
EVO Cut Cable Tie Cutting Hand Tool, Black, 1/pkg
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com