Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWT75 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PWT75
Description  Pan-Wrap Braided Sleeving
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PWT75 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PWT75 Datasheet HTML 1Page - PANDUIT CORP. PWT75 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Braided sleeving shall be designed of thermoplastic polyester
halogen-free material for applications that require protection and
bundling of wires, cables, hoses, or tubing; especially after cable
is routed and terminated and possible re-entry is required
(maintenance and repair). Braided sleeving shall be rated for use
up to 257°F and provides exceptional flammability performance.
Pan-Wrap™ Braided Sleeving
SPECIFICA TION SHEET
applications
Pan-Wrap™ Braided Sleeving is well suited for
the challenging applications found in the
transportation and marine industries due to
its open weave design, lack of halogens,
and exceptional flammability performance.
Complicated cable assemblies as well as
dynamic cabling environments also benefit
greatly from the split wrap design. The
Pan-Wrap™ Installation Tool reduces
installation time by allowing easy loading of
maximum bundle diameters; especially effective
on long runs.
key features and benefits
Split wrap design
Allows for installation after cable routing is complete, breakouts of
single and multiple cables, and addition or removal of cables
post-installation
25% edge overlap ensures complete coverage without opening
Open weave fabrication Highly flexible, does not trap heat or humidity; quiet in high
vibration applications
Patented installation tool Allows easy loading of maximum bundle diameters to speed
installation
technical information
Material:
Polyethylene
Terephthalate (PET)
Flame Retardant (PET)
Operating
temperature:
-94°F to 257°F
-94°F to 257°F
(-70°C to 125°C)
(-70°C to 125°C)
Flammability:
UL 94-V0
UL 1441 VW-1
Recommended
cutting tool:
Hot Knife
Hot Knife
Compliance:
Halogen Free
Halogen Free
RoHS
RoHS
Pan-Wrap™ Braided Sleeving
Flame Retardent
Polyethylene Terephthalate
Polyethylene Terephthalate (PET)
Nominal Size
1/8" (3.2mm):
SE12PS-4CR0
1/4" (6.4mm):
SE25PS-TR0
1/2" (12.7mm): SE50PS-CLR0
3/4" (19.1mm): SE75PS-CR0
1" (25.4mm):
SE100PS-CR0
1 1/2" (38.1mm): SE150PS-LQR0
1/8" (3.2mm):
SE12PSFR-4CR0
1/4" (6.4mm):
SE25PSFR-TR0
1/2" (12.7mm): SE50PSFR-CLR0
3/4" (19.1mm): SE75PSFR-CR0
1" (25.4mm):
SE100PSFR-CR0
1 1/2 (38.1mm): SE150PSFR-LQR0
Related Products
Pan-Wrap™ Installation Tools
Part Number
For use with
PWT38:
SE25PS-TR0
SE25PSFR-TR0
PWT50:
SE50PS-CLR0
SE50PSFR-CLR0
PWT75:
SE75PS-CR0
SE75PSFR-CR0
PWT100:
SE100PS-CR0
SE100PSFR-CR0
PWT150:
SE150PS-LQR0
SE150PSFR-LQR0


Similar Part No. - PWT75

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PWT05 EDI-PWT05 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT10 EDI-PWT10 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT100 EDI-PWT100 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT120 EDI-PWT120 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT140 EDI-PWT140 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results

Similar Description - PWT75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-22992 ETC-MIL-C-22992 Datasheet
229Kb / 6P
Braided Adapters
logo
Glenair, Inc.
102-001-004 GLENAIR-102-001-004 Datasheet
63Kb / 1P
Expandable Fabric Tubular Braided Sleeving
logo
Kemet Corporation
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
Assembly into Can , Sleeving Machine
logo
List of Unclassifed Man...
501194 ETC2-501194 Datasheet
47Kb / 1P
Wrap Bit, 30 AGW, Modified Wrap
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
04-ESNF125-10 OENINDIA-04-ESNF125-10 Datasheet
188Kb / 1P
No-Fray Expandable Braided Polyester Sleeving
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
Spiral Wrap
logo
Keystone Electronics Co...
29314 KEYSTONE-29314 Datasheet
200Kb / 1P
M3 PAN HEAD SCREW
29341 KEYSTONE-29341 Datasheet
196Kb / 1P
M3 PAN HEAD SCREW
10.12.06
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com