Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2HTN Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # RT2HTN
Description  ST2MT Installation Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

RT2HTN Datasheet(HTML) 1 Page - PANDUIT CORP.

  RT2HTN Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
ST2MT Installation Tool
• Cable tie side entry for immediate positioning of tie and tool
• One hand operation – lightweight
• Easy removal of excess tie
• Tool tension is controlled by installer – twist action cut-off
• Rugged, lightweight, easy-to-operate pliers-type tool provides
mechanical advantage
RT2HT and RT2HTN Installation Tools
• Cable tie side entry for immediate positioning of tie and tool to
speed installation
• Multi-position rear handle provides flexibility for a one or two hand
installation
• Narrow nose tool design option available for applications requiring
installations in tight confined spaces
• Replacement cutter blade and handle available for RT2HT
HTMT Installation Tool
• Economical
• Coiled tie end remaining after tensioning assures a safe end
• Manual tension, no cut-off
• Installs ties parallel to the bundle
Part Number
Part Description
Std.
Pkg.
Qty.
HTMT
Used with standard, light-heavy, and heavy cross section Pan-Steel® type
MLT ties, type MLTC/MLTFC coated ties, and type MLTDH double
wrapped ties.
1
RT2HT
RT2HTN
Part Number
Part Description
Std.
Pkg.
Qty.
ST2MT
Used with standard, light-heavy, heavy and extra-heavy cross section
Pan-Steel ® type MLT ties, type MLTC/MLTFC coated ties, and type MLTDH
double wrapped ties.
1
Part Number
Part Description
Std.
Pkg.
Qty.
RT2HT
Used with extra-heavy, extra-heavy 15, and super-heavy cross section
Pan-Steel ® type MLT and MLTFC ties. Width of tool nose 2.60" (66.0mm).
1
RT2HTN
Narrow nose installation tool for use with extra-heavy, extra-heavy 15, and
super-heavy cross section Pan-Steel ® type MLT and MLTFC ties. Width of
tool nose 1.06" (27.0mm).
1


Similar Part No. - RT2HTN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
logo
TE Connectivity Ltd
RT2 TEC-RT2 Datasheet
542Kb / 3P
5kV/10mm coil-contact, reinforced insulation
logo
RSG Electronic Componen...
RT2-0503S20D1WR RSG-RT2-0503S20D1WR Datasheet
716Kb / 5P
2W fixed input voltage isolated & regulated single output
RT2-0505S20D1WR RSG-RT2-0505S20D1WR Datasheet
716Kb / 5P
2W fixed input voltage isolated & regulated single output
RT2-0505S20D3WR RSG-RT2-0505S20D3WR Datasheet
720Kb / 5P
2W, fixed input voltage isolated & unregulated single output
More results

Similar Description - RT2HTN

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KTW-13 WINCHESTER-KTW-13 Datasheet
28Kb / 1P
INSTALLATION EXTRACTION TOOL
logo
Molex Electronics Ltd.
62201-8647 MOLEX11-62201-8647 Datasheet
27Kb / 1P
Backplane Module Installation, Press-In Tool
logo
TE Connectivity Ltd
408-8778 TEC-408-8778 Datasheet
72Kb / 2P
Installation Tool 1059773-1?
logo
Amphenol Corporation
500-38-008 AMPHENOL-500-38-008 Datasheet
101Kb / 1P
SMPS VITA 67.3 CABLE INSTALLATION TOOL
logo
Molex Electronics Ltd.
0622018644 MOLEX-0622018644 Datasheet
58Kb / 11P
Backplane Module Installation Press-In Tool
02/27/2021
0621001400 MOLEX-0621001400 Datasheet
82Kb / 10P
Backplane Module Installation, Press-In Tool
02/27/2021
0622018647 MOLEX-0622018647 Datasheet
55Kb / 10P
Backplane Module Installation, Press-In Tool
02/27/2021
62201-8972 MOLEX-62201-8972 Datasheet
164Kb / 3P
IMPELBackplane Module Installation Press-In Tool
07-08-13
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
500-38-008 SVMICROWAVE-500-38-008 Datasheet
101Kb / 1P
SMPS VITA 67.3 CABLE INSTALLATION TOOL
08/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com