Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTH Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # GTH
Description  UNLESS OTHERWISE SPECIFIED, ALL DIMENSIONS ARE GIVEN IN INCHES, THIRD ANGLE PROJECTION.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GTH Datasheet(HTML) 1 Page - PANDUIT CORP.

  GTH Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CORP. TINLEY PARK, ILLINOIS
ST3EH CUSTOMER DRAWING
UNLESS OTHERWISE SPECIFIED,
DIMENSIONAL TOLERANCES ARE:
(.x) ±
---
(.xxx) ±
---
(.xx) ±
---
ANGLES ±
---
UNLESS OTHERWISE
SPECIFIED, ALL DIMENSIONS
ARE GIVEN IN INCHES, THIRD
ANGLE PROJECTION.
DRAWN BY:
BLR
SCALE
NONE
00
4-19-06
BLR
BJPU
RELEASED
4190
--
LAH
DATE:
4-19-06
REV
DATE
BY
CHK’D
DESCRIPTION
ECN
-R
CUST
SUP
CHK’D:
BJPU
MATL:
CUSTOMER
DRAWING
DRAWING NO.
TB25129A01
DWG
A
SIZE
THIS COPY IS PROVIDED ON A RESTRICTED BASIS AND IS NOT TO BE USED IN ANY WAY DETRIMENTAL TO THE INTERESTS OF PANDUIT CORP.
SPECIFICATIONS:
PANDUIT TOOL NO:
ST3EH
TOOL WEIGHT:
9 oz. (256 gr.)
INSTALLS ALL LH, H, & EH CROSS SECTION CABLE
TIES.
CABLE TIE CROSS-SECTION CODE:
LH = Light Heavy
H = Heavy EH = Extra Heavy
THIS TOOL’S FEATURES INCLUDE:
• Single handle trigger for fast installation
• Cable tie side entry for immediate positioning
of tie and tool
• One hand operation – lightweight
• Installer controlled tension
• Cut-off capability with the twist of the wrist
• Easy removal of excess tie
DIMENSIONS SHOWN IN PARENTHESES ARE (mm) METRIC:
A = 7.50
( 190.50 )
OVERALL LENGTH
B = 5.0
( 127.00 )
OPEN HANDLE SPAN
C = .098 W x .604 L
( 2.49 W x 15.24 L )
TIE ENTRY
D = 1.063
(
27.00 )
HEIGHT OF HEAD
E = .875
(
22.23 )
DEPTH OF HEAD
F = .875
(
22.23 )
WIDTH OF HEAD
G = .50
(
12.70 )
DEPTH OF HANDLE
F:/rvusers/engdocs-new/cust dwgs/TB25129A01_00 ST3EH CD.doc
F
G
E
A
D
C
B


Similar Part No. - GTH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GTH PANDUIT-GTH Datasheet
205Kb / 2P
Cable Tie Installation Tools – Ergonomic Series, Hand Tools
7/2006
GTH PANDUIT-GTH Datasheet
77Kb / 2P
PAN-TY Cable Ties - Polypropylene
3/2008
logo
Altech corporation
GTH-12 ALTECH-GTH-12 Datasheet
866Kb / 14P
Contactors (9 to 85A) Frame size
GTH-123 ALTECH-GTH-123 Datasheet
866Kb / 14P
Contactors (9 to 85A) Frame size
GTH-12H ALTECH-GTH-12H Datasheet
866Kb / 14P
Contactors (9 to 85A) Frame size
More results

Similar Description - GTH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS11R27CQD ETC1-KS11R27CQD Datasheet
33Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
logo
API Technologies Corp
PA25-1227-008SA APITECH-PA25-1227-008SA Datasheet
93Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1575-008SA APITECH-PA25-1575-008SA Datasheet
289Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1579-008SA APITECH-PA25-1579-008SA Datasheet
330Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1615-025SA APITECH-PA25-1615-025SA Datasheet
320Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1621-025SA APITECH-PA25-1621-025SA Datasheet
318Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA28-2450-120SA APITECH-PA28-2450-120SA Datasheet
64Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA45-1592-175SA APITECH-PA45-1592-175SA Datasheet
52Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA78-0915-030SA APITECH-PA78-0915-030SA Datasheet
64Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA451615-1575SA APITECH-PA451615-1575SA Datasheet
67Kb / 1P
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com