Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3-X2-C0Y.. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # TM3-X2-C0Y..
Description  Extra-Heavy Cable Tie Mounts – Screw Applied
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TM3-X2-C0Y.. Datasheet(HTML) 1 Page - PANDUIT CORP.

  TM3-X2-C0Y.. Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Extra-Heavy Cable Tie Mounts – Screw Applied
• Unique cradle design provides maximum stability for cable bundle
• Route and support large diameter and heavy cable bundles
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard, LH = Light-Heavy, H = Heavy, EH = Extra-Heavy
and HLM = Miniature Tak-Ty ® Hook & Loop Ties.
Swivel Mounts
• The two mounts are securely fastened together with a connecting
rivet that allows both mounts to rotate
• Can join bundles of cable, tubing, or hoses that may need to move
or are not parallel
• Separates bundles to avoid abrasion
• Material: Weather Resistant Nylon 6.6
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard, LH = Light-Heavy, H = Heavy, EH = Extra-Heavy
and HLM = Miniature Tak-Ty ® Hook & Loop Ties.
1.65
(42.0)
.74
(19.0)
.61
(15.5)
1.05
(26.7)
.87
(22.1)
.75
(19.1)
1.64
(41.7)
1.23
(31.2)
TMEH
TM3
Part Number
Used with
Cable Ties‡
Material
Color
Environment
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TMEH-S8-Q0
M, I, S, HS, LH, H, EH, HLM
Weather Resistant
Nylon 6.6
Black
Outdoors
#8 (M4) Screw
25
250
TMEH-S10-Q0
#10 (M5) Screw
25
250
TMEH-S25-Q0
1/4 (M6) Screw
25
250
TMEH-S10-C100
Weather Resistant
Polypropylene
#10 (M5) Screw
100
500
TMEH-S10-C109
Polypropylene
Green
Indoors
#10 (M5) Screw
100
500
Part Number
Used with
Cable Ties‡
Pull Apart
Force
Color
Environment
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Lbs.
g
TM3-X2-C0Y
M, I, S, HS, LH
120
54,431
Black
Indoors/Outdoors
100
1000
TMEH-X2-L0Y
M, I, S, HS, LH, H, EH, HLM
250
113,398
50
500


Similar Part No. - TM3-X2-C0Y..

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
TM3-X2-C0Y PANDUIT-TM3-X2-C0Y Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
More results

Similar Description - TM3-X2-C0Y..

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
FTH-17-8-01 RICHCO-FTH-17-8-01 Datasheet
40Kb / 1P
TIE HOLDER, HEAVY DUTY
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
List of Unclassifed Man...
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
Screw Mount Cable Tie
561-87D1003 ETC2-561-87D1003 Datasheet
135Kb / 2P
Extra Heavy Duty Cable Clamps
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
SGTA1S8-C PANDUIT-SGTA1S8-C Datasheet
108Kb / 1P
4-Way Tie Anchor Mounts-Screw Applied
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
Easy Selection Guide For Adhesive Backed Cable Tie Mounts
TM1A-C PANDUIT-TM1A-C Datasheet
73Kb / 1P
Tie Mounts - Applied with User Supplied Adhesives
logo
Tripp Lite. All Rights ...
P568-000-LOCK TRIPPLITE-P568-000-LOCK Datasheet
197Kb / 2P
HDMI Cable Lock - Clamp/Tie/Screw
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com