Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE75PFR-DR10 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # SE75PFR-DR10
Description  Braided Expandable Sleeving – Flame Retardant Polyethylene Terephthalate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

SE75PFR-DR10 Datasheet(HTML) 1 Page - PANDUIT CORP.

  SE75PFR-DR10 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of reels required, in multiples of Standard Package Quantity.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Braided Expandable Sleeving – Flame Retardant Polyethylene Terephthalate
• Provides continuous abrasion protection for wires, cables, hoses
and tubing
• Highly flexible open weave will not trap heat or humidity
• Rated for use up to 257°F (125°C)
• Allows for use with irregular shapes
• Flammability: Meets UL 1441 VW-1
• Compliant with U.S. and European passenger rail standards
Tooling Head
• Sleeving cutter/end sealer blade – used with popular soldering guns to cut and seal sleeving
Part Number
Description
Std.
Pkg.
Qty
HKBS
For dual straight shank soldering guns with .500'' spacing
typical guns: WELLER Straight Shank Model 8200;
WEN Model 199 or 100 (Replace tip holding screws with
(2) screws included).
1
Part Number
Color
Nominal
I.D.
Nominal
Diameter Range
Length
per reel
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
Ft.
m
SE12PFR-TR0
Black
0.12
3.2
0.094 – 0.250
2.4 – 6.4
200
61.0
1
4
SE12PFR-MR0
Black
0.12
3.2
0.094 – 0.250
2.4 – 6.4
1000
304.8
1
2
SE12PFR-TR8
Gray
0.12
3.2
0.094 – 0.250
2.4 – 6.4
200
61.0
1
4
SE12PFR-MR8
Gray
0.12
3.2
0.094 – 0.250
2.4 – 6.4
1000
304.8
1
2
SE12PFR-MR10
White
0.12
3.2
0.094 – 0.250
2.4 – 6.4
1000
304.8
1
2
SE25PFR-TR0
Black
0.25
6.4
0.125 – 0.375
3.2 – 9.5
200
61.0
1
4
SE25PFR-MR0
Black
0.25
6.4
0.125 – 0.375
3.2 – 9.5
1000
304.8
1
2
SE25PFR-TR8
Gray
0.25
6.4
0.125 – 0.375
3.2 – 9.5
200
61.0
1
4
SE25PFR-MR8
Gray
0.25
6.4
0.125 – 0.375
3.2 – 9.5
1000
304.8
1
2
SE25PFR-MR10
White
0.25
6.4
0.125 – 0.375
3.2 – 9.5
1000
304.8
1
2
SE38PFR-MR0
Black
0.38
9.5
0.188 – 0.625
4.8 – 15.9
1000
304.8
1
2
SE38PFR-TR0
Black
0.38
9.5
0.188 – 0.625
4.8 – 15.9
200
61.0
1
4
SE38PFR-TR8
Gray
0.38
9.5
0.188 – 0.625
4.8 – 15.9
200
61.0
1
4
SE38PFR-MR8
Gray
0.38
9.5
0.188 – 0.500
4.8 – 12.7
1000
304.8
1
2
SE38PFR-MR10
White
0.38
9.5
0.188 – 0.500
4.8 – 12.7
1000
304.8
1
2
SE50PFR-CR0
Black
0.50
12.7
0.250 – 0.750
6.4 – 19.1
100
30.5
1
4
SE50PFR-CR8
Gray
0.50
12.7
0.250 – 0.750
6.4 – 19.1
100
30.5
1
4
SE50PFR-DR0
Black
0.50
12.7
0.250 – 0.750
6.4 – 19.1
500
152.4
1
2
SE50PFR-DR8
Gray
0.50
12.7
0.250 – 0.750
6.4 – 19.1
500
152.4
1
2
SE50PFR-DR10
White
0.50
12.7
0.250 – 0.750
6.4 – 19.1
500
152.4
1
2
SE75PFR-CR0
Black
0.75
19.1
0.500 – 1.25
12.7 – 31.8
100
30.5
1
4
SE75PFR-CR8
Gray
0.75
19.1
0.500 – 1.25
12.7 – 31.8
100
30.5
1
4
SE75PFR-DR0
Black
0.75
19.1
0.500 – 1.25
12.7 – 31.8
500
152.4
1
2
SE75PFR-DR8
Gray
0.75
19.1
0.500 – 1.25
12.7 – 31.8
500
152.4
1
2
SE75PFR-DR10
White
0.75
19.1
0.500 – 1.25
12.7 – 31.8
500
152.4
1
2
SE125PFR-LR0
Black
1.25
31.8
0.750 – 1.50
19.1 – 38.1
50
15.2
1
4
SE125PFR-LR8
Gray
1.25
31.8
0.750 – 1.50
19.1 – 38.1
50
15.2
1
4
SE125PFR-TR0
Black
1.25
31.8
0.750 – 1.50
19.1 – 38.1
200
61.0
1
2
SE125PFR-TR8
Gray
1.25
31.8
0.750 – 1.50
19.1 – 38.1
200
61.0
1
2
SE125PFR-TR10
White
1.25
31.8
0.750 – 1.50
19.1 – 38.1
200
61.0
1
2
SE150PFR-LR0
Black
1.50
38.1
1.00 – 2.13
25.4 – 54.0
50
15.2
1
4
SE150PFR-LR8
Gray
1.50
38.1
1.00 – 2.13
25.4 – 54.0
50
15.2
1
4
SE150PFR-TR0
Black
1.50
38.1
1.00 – 2.13
25.4 – 54.0
200
61.0
1
2
SE150PFR-TR8
Gray
1.50
38.1
1.00 – 2.13
25.4 – 54.0
200
61.0
1
2
SE150PFR-TR10
White
1.50
38.1
1.00 – 2.13
25.4 – 54.0
200
61.0
1
2
SE175PFR-TR0
Black
1.75
44.5
1.25 – 2.75
31.8 – 69.9
200
61.0
1
2


Similar Part No. - SE75PFR-DR10

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SE75P-CR0 PANDUIT-SE75P-CR0 Datasheet
92Kb / 1P
STANDARD BRAIDED EXPANDABLE SLEEVING (SE)
3/17/05
SE75P-CR0 PANDUIT-SE75P-CR0 Datasheet
142Kb / 1P
Braided Expandable Sleeving – Polyethylene Terephthalate (PET)
SE75P-CR10 PANDUIT-SE75P-CR10 Datasheet
92Kb / 1P
STANDARD BRAIDED EXPANDABLE SLEEVING (SE)
3/17/05
SE75P-CR8 PANDUIT-SE75P-CR8 Datasheet
92Kb / 1P
STANDARD BRAIDED EXPANDABLE SLEEVING (SE)
3/17/05
SE75P-DR0 PANDUIT-SE75P-DR0 Datasheet
92Kb / 1P
STANDARD BRAIDED EXPANDABLE SLEEVING (SE)
3/17/05
More results

Similar Description - SE75PFR-DR10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
102-001-004 GLENAIR-102-001-004 Datasheet
63Kb / 1P
Expandable Fabric Tubular Braided Sleeving
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
FLAME RETARDANT ABS
logo
EPCOS
B82422T1224K EPCOS-B82422T1224K Datasheet
486Kb / 9P
Flame-retardant molding
logo
FERYSTER Inductive Comp...
ETD34-K-H-14P-DS FERYSTER-ETD34-K-H-14P-DS Datasheet
424Kb / 1P
PET Polyethylene Terephthalate
ETD39-K-H-16P-DS FERYSTER-ETD39-K-H-16P-DS Datasheet
378Kb / 1P
PET Polyethylene Terephthalate
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
Flame retardant silicone
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
04-ESNF125-10 OENINDIA-04-ESNF125-10 Datasheet
188Kb / 1P
No-Fray Expandable Braided Polyester Sleeving
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
Flame Retardant Potting Epoxy
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com