Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT39A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM6HT39A
Description  HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT39A Datasheet(HTML) 2 Page - STMicroelectronics

  SM6HT39A Datasheet HTML 1Page - STMicroelectronics SM6HT39A Datasheet HTML 2Page - STMicroelectronics SM6HT39A Datasheet HTML 3Page - STMicroelectronics SM6HT39A Datasheet HTML 4Page - STMicroelectronics SM6HT39A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
VF
Forward voltage drop
VF < 3.5V @ IF = 50A
(pulse test: tp
≤ 500µs)
ELECTRICAL CHARACTERISTICS
(Tamb = 25°C unless otherwise specified)
Types
Marking
IRM
@
VRM
VBR
@
IR
VCL @ IPP
α T
Tamb=25°C
Tamb=150°C
note2
10/1000
µsmax
max
max
min
nom
max
max
note 3
µA
µA
VVV
V
mA
V
A
10
-4/°C
SM6HT24A
EMB
2
5
20.5
22.8
24
25.2
1
33.2
18.0
9.4
SM6HT27A
EPB
2
5
23.1
25.7
27
28.4
1
37.5
16.0
9.6
SM6HT30A
ERB
2
5
25.6
28.5
30
31.5
1
41.5
14.5
9.7
SM6HT36A
EVB
2
5
30.8
34.2
36
37.8
1
49.9
12.0
9.9
SM6HT39A
EXB
2
5
33.3
37.1
39
41.0
1
53.9
11.1
10.0
SM6HT43A
EYB
2
5
36.8
40.9
43
45.2
1
59.3
10.1
10.1
Note 2 : Pulse test : tp < 50 ms
Note 3 :
∆VBR = αT x (Tamb - 25) x VBR (25°C)
SM6HTxxA
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com