Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA540BTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA540BTR
Description  Active Biased RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA540BTR Datasheet(HTML) 1 Page - STMicroelectronics

  SMA540BTR Datasheet HTML 1Page - STMicroelectronics SMA540BTR Datasheet HTML 2Page - STMicroelectronics SMA540BTR Datasheet HTML 3Page - STMicroelectronics SMA540BTR Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
PRELIMINARY DATA
January, 15 2003
SMA540B
Active Biased RF Transistor
SOT323-4L (SC70)
ORDER CODE
SMA540BTR
BRANDING
TBD
Bias, 4
C, 3
B, 1
E, 2
Bias
Bias, 4
C, 3
B, 1
E, 2
Bias
Bias, 4
C, 3
B, 1
E, 2
Bias
• HIGH GAIN LOW NOISE AMPLIFIERS
Gms = 19 dB at 1.8 GHz
• CURRENT EASY ADJUSTABLE BY AN
EXTERNAL RESISTOR
• OPEN COLLECTOR OUTPUT
• TYPICAL SUPPLY VOLTAGE: 1.4-3.3 V
• TRANSITION FREQUENCY 42 GHz
• ULTRA MINIATURE SOT323-4L PACKAGE
(LEAD FREE)
APPLICATIONS
• WIDEBAND APPLICATIONS
• CELLULAR AND CORDLESS TELEPHONES
• HIGH FREQUENCY OSCILLATORS
DESCRIPTION
The SMA540B is a NPN Transistor integrating a cur-
rent mirror as biasing. In this way the IC (collector
current) can be controlled setting the current at Bias
pin according to IC = 10 * IBIAS. The IBIAS current
is easy adjustable using an external resistor.
SMA540B is housed in ultra miniature SOT323-4L
package(LEAD FREE), the relative dimensions are
1.15mmx1.8mm with 0.8mm thickness.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vceo
Collector emitter voltage
4.5
V
Vebo
Emitter base voltage
1.5
V
Ic
Collector current
40
mA
Ib
Base current
4
mA
IBIAS
BIAS Current
4
mA
Ptot
Total dissipation, Ts = 107
oC
120
mW
Top
Operating temperature
-40 to +85
oC
Tstg
Storage temperature
-65 to +150
oC
Tj
Max. operating junction temperature
150
oC
Rthjs
Thermal Resistance Junction soldering point
< 270
oC/W
THERMAL RESISTANCE


Similar Part No. - SMA540BTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA54 MACOM-SMA54 Datasheet
104Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
SMA54 MACOM-SMA54 Datasheet
378Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
MIC GROUP RECTIFIERS
SMA54 MIC-SMA54 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA54 MA-COM-SMA54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
SMA54 MA-COM-SMA54 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results

Similar Description - SMA540BTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB420 INFINEON-BGB420 Datasheet
477Kb / 10P
Active Biased Transistor
2001-08-10
BGB540 INFINEON-BGB540 Datasheet
129Kb / 10P
Active Biased RF Transistor
2002-09-11
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
Active RF Splitter
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
Active RF Splitter
9/05-Rev. SpA to Rev. B
logo
Diodes Incorporated
DCX124EK DIODES-DCX124EK_2 Datasheet
380Kb / 12P
DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DS30350 Rev. 6 - 2
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
DUAL NPN PRE-BIASED TRANSISTOR
DS30747 Rev. 6 - 2
UMG4N DIODES-UMG4N Datasheet
229Kb / 3P
DUAL NPN PRE-BIASED TRANSISTOR
DS31207 Rev. 3 - 2
DCX124EK-7-F DIODES-DCX124EK-7-F Datasheet
380Kb / 12P
DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
Rev 6
logo
Analog Devices
ADA4302-4 AD-ADA4302-4_15 Datasheet
231Kb / 12P
Active RF Splitter
REV. B
logo
Diodes Incorporated
DDTACA DIODES-DDTACA Datasheet
307Kb / 5P
PNP PRE-BIASED TRANSISTOR IN SOT23
Rev. 7 - 2 June 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com