Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP062 Datasheet(PDF) 2 Page - CTS Corporation

Part # MP062
Description  Quartz Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MP062 Datasheet(HTML) 2 Page - CTS Corporation

  MP062 Datasheet HTML 1Page - CTS Corporation MP062 Datasheet HTML 2Page - CTS Corporation MP062 Datasheet HTML 3Page - CTS Corporation MP062 Datasheet HTML 4Page - CTS Corporation MP062 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document No. 008-0308-0
Page 2 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MP Series
Low Cost Quartz Crystal
ADDITIONAL PART NUMBERS AVAILABLE FROM CTS
MP
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
MP043
4.032000
22 pF
Fundamental
MP050
5.068800
Series
Fundamental
MP051
5.185000
20 pF
Fundamental
MP057
5.714300
Series
Fundamental
MP057A
5.714300
20 pF
Fundamental
MP062
6.250000
30 pF
Fundamental
MP064
6.400000
20 pF
Fundamental
MP065
6.553600
20 pF
Fundamental
MP180
18.000000
Series
Fundamental
MP270
27.000000
Series
3RD Overtone
MP360
36.000000
Series
3RD Overtone
MP400
40.000000
20 pF
3RD Overtone
MP480
48.000000
Series
3RD Overtone
Contact your local CTS Representative or CTS Customer Service for availability.
ADDITIONAL ORDERING INFORMATION
Available Standard Product Options
MP
FREQUENCY
Product Frequency Code. Refer to
Product Part Number Tables.
-
INS - Insulation Spacer
SLV - Insulating Sleeve
TW - Hold Down Top Wire
SM - Surface Mount Lead Form
1 - Tape and Reel (SM Product Option Only) *
2 - Radial Taping (Ammopak) *
PRODUCT OPTIONS
This space be an 'A', 'B' or 'S' depending on
frequency code selected.
ADDITIONAL FREQUENCY CODE
* Standard packaging is bulk in a bag.
NON-Standard Ordering Options
Custom performance characteristics and lead trim requirements available upon request. Use form C052 to detail non-standard parameters.
Contact your local CTS Representative or CTS Customer Service for assistance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com