Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT43A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM6HT43A
Description  HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT43A Datasheet(HTML) 3 Page - STMicroelectronics

  SM6HT43A Datasheet HTML 1Page - STMicroelectronics SM6HT43A Datasheet HTML 2Page - STMicroelectronics SM6HT43A Datasheet HTML 3Page - STMicroelectronics SM6HT43A Datasheet HTML 4Page - STMicroelectronics SM6HT43A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
25
50
75
100
125
150
175
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial] / Ppp[Tj initial=25°C]
Tj initial(°C)
Fig. 1-1: Peak power dissipation versus initial junc-
tion temperature.
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
P(W)
Rth(j-a)=Rth(j-l)
Rth(j-a)=100°C/W
Tamb(°C)
Fig. 1-2: Continous power dissipation versus am-
bient temperature.
0.01
0.10
1.00
10.00
0.1
1.0
10.0
Ppp(kW)
tp(ms)
Fig. 2: Peak pulse power versus exponential pulse
duration (Tj initial=25°C).
10
100
1E-1
1E+0
1E+1
1E+2
Ipp(A)
tp=1ms
SM6HT24A
SM6HT30A
SM6HT27A
SM6HT36A
SM6HT39A
SM6HT43A
tp=20µs
Vcl(V)
Fig. 3: Clamping voltage versus peak pulse cur-
rent (Tj initial=25°C).
1
10
100
200
100
200
500
1000
C(pF)
SM6HT24A
SM6HT30A
SM6HT27A
SM6HT36A
SM6HT39A
SM6HT43A
VR(V)
F=1MHz
Fig. 4: Junction capacitance versus reverse ap-
plied voltage (typical values).
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1.0
10.0
100.0
IFM(A)
Tj=25°C
Tj=175°C
VFM(V)
Fig. 5: Peak forward voltage drop versus peak for-
ward current (typical values).
SM6HTxxA
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com