Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ50A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMAJ50A
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ50A Datasheet(HTML) 1 Page - STMicroelectronics

  SMAJ50A Datasheet HTML 1Page - STMicroelectronics SMAJ50A Datasheet HTML 2Page - STMicroelectronics SMAJ50A Datasheet HTML 3Page - STMicroelectronics SMAJ50A Datasheet HTML 4Page - STMicroelectronics SMAJ50A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMAJ5.0A-TR,CA-TR
SMAJ188A-TR,CA-TR
TRANSIL
TM
®
PEAK PULSE POWER : 400 W (10/1000
µs)
STAND OFF VOLTAGE RANGE :
From 5V to 188V.
UNI AND BIDIRECTIONAL TYPES
LOW CLAMPING FACTOR
FAST RESPONSE TIME
JEDEC REGISTERED PACKAGE OUTLINE
FEATURES
SMA
(JEDEC D0214 AC)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
400
W
P
Power dissipation on infinite heatsink
Tamb = 50
°C3.3
W
IFSM
Non repetitive surge peak forward
current for unidirectional types
tp = 10ms
Tj initial = Tamb
40
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 65 to + 175
150
°C
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
DESCRIPTION
The SMAJ series are TRANSIL
TM diodes designed
specifically for protecting sensitive equipment
against transient overvoltages. The SMA package
allows save spacing on high density printed circuit
boards.
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such
as MOS Technology and low voltage supplied
IC’s.
September 1998 Ed: 5A
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
30
°C/W
Rth (j-a)
Junction to ambient on printed circuit on recommended pad
layout
120
°C/W
THERMAL RESISTANCES
1/5


Similar Part No. - SMAJ50A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ50A DIODES-SMAJ50A Datasheet
80Kb / 3P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Vishay Siliconix
SMAJ50A VISHAY-SMAJ50A Datasheet
85Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Sep-12
logo
Bourns Electronic Solut...
SMAJ50A BOURNS-SMAJ50A Datasheet
379Kb / 5P
SMAJ Transient Voltage Suppressor Diode Series
logo
Socay Electornics Co., ...
SMAJ50A SOCAY-SMAJ50A Datasheet
627Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ50A SOCAY-SMAJ50A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ50A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
TRANSILTM
Aug-1999
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
TRANSILTM
Jan-1998
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
TRANSILTM
Sep-2001
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
TRANSILTM
Aug-2001
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
TRANSILTM
Jan-1998
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
TRANSILTM
Oct-2001
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
TRANSILTM
Feb-2003
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
TransilTM
26-Mar-2008
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
TransilTM
19-Feb-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com