Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

658P2C3 Datasheet(PDF) 2 Page - CTS Corporation

Part # 658P2C3
Description  CLOCK, HIGH FREQUENCY MULTIPLIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

658P2C3 Datasheet(HTML) 2 Page - CTS Corporation

  658P2C3 Datasheet HTML 1Page - CTS Corporation 658P2C3 Datasheet HTML 2Page - CTS Corporation 658P2C3 Datasheet HTML 3Page - CTS Corporation 658P2C3 Datasheet HTML 4Page - CTS Corporation 658P2C3 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document No. 008-0316-0
Page 2 - 5
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 658
7x5mm Low Cost
LVCMOS, LVPECL or LVDS Clock
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
LVCMOS
50
-
250
LVPECL and LVDS
fO
-
38
-
750
MHz
Frequency Stability
(See Note 1 and Ordering Information)
∆f/fO
-
-
-
25, 50 or
100
± ppm
Operating Temperature
Commercial
0
70
Industrial
TA
-
-40
25
85
°C
Supply Voltage
(See Ordering Information)
VCC
± 5 %
2.38
3.14
2.5
3.3
2.63
3.47
V
Supply Current
Maximum Load
LVCMOS
< 160 MHz
≥ 160 MHz
-
-
-
-
40
50
LVPECL
< 160 MHz
≥ 160 MHz
-
-
-
-
75
100
LVDS
ICC
< 160 MHz
≥ 160 MHz
-
-
-
-
60
80
mA
Start Up Time
TS
Application of VCC
-
-
10
ms
Phase Jitter
tjms
Bandwidth 12 kHz - 20 MHz
-
3.5
5
ps RMS
Enable Function
Enable Input Voltage
VIH
Pin 1 or Pin 2 Logic '1', Output Enabled
0.7*VCC
-
-
V
Disable Input Voltage
VIL
Pin 1 or Pin 2 Logic '0', Output Disabled
-
-
0.3*VCC
Disable Current
IIL
Pin 1 or Pin 2 Logic '1' , Output Disabled
-
-
20
uA
Enable Time
TPLZ
Pin 1 or Pin 2 Logic '1'
-
5
10
ms
LVCMOS WAVEFORM
Output Load
CL
-
-
15
pF
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
90%VCC
-
-
Logic '0' Level
VOL
CMOS Load
-
-
10%VCC
V
Rise and Fall Time
TR, TF
@ 20% - 80% Levels
-
2
5.0
ns
LVPECL WAVEFORM
Output Load
RL
-
-
50
-
Ohms
Output Duty Cycle
SYM
@ VCC - 1.3V
45
-
55
%
Output Voltage Levels
Logic '1' Level
VOH
PECL Load
VCC - 1.025V
-
-
Logic '0' Level
VOL
PECL Load
-
-
VCC - 1.62V
V
Rise and Fall Time
TR, TF
@ 20% - 80% Levels
0.4
1.0
ns
LVDS WAVEFORM
Output Load
RL
-
-
100
-
Ohms
Output Duty Cycle
SYM
@ 1.25V
45
-
55
%
Differential Voltage
VOD
RL = 100 Ohms
250
350
450
mV
Output Voltage Levels
Logic '1' Level
VOH
LVDS Load
-
-
1.6
Logic '0' Level
VOL
LVDS Load
0.9
-
-
V
Rise and Fall Time
TR, TF
@ 20% - 80% Levels
-
0.4
1.0
ns
Notes:
1. Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and 10 year aging
at an average operating temperature of +40 °C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com