Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24014050. Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 24014050.
Description  Mini / Multicolour
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

24014050. Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  24014050. Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 24014050. Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techn. datasheet
Mini / Multicolour
MC55 RGB Buzzer M12-plug 10-30VDC
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/2
14.09.2022 / 240.140.50
Part No.: 240.140.50
MECHANICAL DATA
Height
71 mm
Diameter
55 mm
Materials
PC
PC/ABS
Dome colour
Clear
Housing colour
Black
Protection category
IP65
Connection
M12 plug 5-pole
Cable length
100 mm
Tension relief
Pull-out protection
Type of fixing
Built-in mounting
Working temperature minimum
-20°C
Working temperature maximum
+50°C
Weight with packaging
97 g
Product weight
73 g
ELECTRICAL DATA
Operating voltage
10-30V
Operating voltage type
DC
Operating voltage tolerance
+/- 0%
Rated operational voltage
24 VDC
Rated operational current
80 mA
Rated inrush current
<700mA
Protection class
Protection class 2
Pollution degree
3
In the connection area: 2
OPTICAL DATA
Light source
LED
Light colour
MC 7 colours
Optical signal image
Permanent
Service life optical
50,000 h maximum
ACOUSTIC DATA
Volume (max) at 1m distance
85,0 dB (A)
Acoustic signal image
Pulse tone
Number of tones
1 tone
Audio frequency
3400 Hz
Acoustic service life
5,000 h minimum


Similar Part No. - 24014050.

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24014 ARIES-24014 Datasheet
3Mb / 3P
CSP Test Socket for Optical Laser Failure Analysis Emission Microscopy
logo
Optronics International
24014TR71 OPTRONICS-24014TR71 Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
More results

Similar Description - 24014050.

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MN2 CLARE-MN2 Datasheet
404Kb / 5P
Mini-Dyad
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
logo
Assmann Electronics Inc...
AK679-R ASSMANN-AK679-R Datasheet
84Kb / 1P
MINI 6M
logo
Weidmuller
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com