Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72314P2 Datasheet(PDF) 4 Page - EPCOS

Part # B72314P2
Description  Leaded varistors, AdvanceD-MP, S14 compact series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72314P2 Datasheet(HTML) 4 Page - EPCOS

  B72314P2 Datasheet HTML 1Page - EPCOS B72314P2 Datasheet HTML 2Page - EPCOS B72314P2 Datasheet HTML 3Page - EPCOS B72314P2 Datasheet HTML 4Page - EPCOS B72314P2 Datasheet HTML 5Page - EPCOS B72314P2 Datasheet HTML 6Page - EPCOS B72314P2 Datasheet HTML 7Page - EPCOS B72314P2 Datasheet HTML 8Page - EPCOS B72314P2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SIOV metal oxide varistors
B72314P2***
Leaded varistors, AdvanceD-MP, S14 compact series
SIOV-S14K***E2K55
September 2020
Please read
Cautions and warnings and
Page 4 of 23
Important notes at the end of this document.
Characteristics (TA = 25 °C)
Ordering code
Type
(untaped)
SIOV-
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72314P2131K101
S14K130E2K55
205
±10
340
50.0
790
B72314P2141K101
S14K140E2K55
220
±10
360
50.0
720
B72314P2151K101
S14K150E2K55
240
±10
395
50.0
645
B72314P2171K101
S14K175E2K55
270
±10
455
50.0
575
B72314P2211K101
S14K210E2K55
330
±10
545
50.0
495
B72314P2231K101
S14K230E2K55
360
±10
595
50.0
450
B72314P2251K101
S14K250E2K55
390
±10
650
50.0
420
B72314P2271K101
S14K275E2K55
430
±10
710
50.0
380
B72314P2301K101
S14K300E2K55
470
±10
775
50.0
350
B72314P2321K101
S14K320E2K55
510
±10
840
50.0
320
B72314P2351K101
S14K350E2K55
560
±10
910
50.0
295
B72314P2381K101
S14K385E2K55
620
±10
1025
50.0
280
B72314P2421K101
S14K420E2K55
680
±10
1120
50.0
255
B72314P2461K101
S14K460E2K55
750
±10
1240
50.0
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com