Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82464P4 Datasheet(PDF) 4 Page - EPCOS

Part # B82464P4
Description  SMT power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464P4 Datasheet(HTML) 4 Page - EPCOS

  B82464P4 Datasheet HTML 1Page - EPCOS B82464P4 Datasheet HTML 2Page - EPCOS B82464P4 Datasheet HTML 3Page - EPCOS B82464P4 Datasheet HTML 4Page - EPCOS B82464P4 Datasheet HTML 5Page - EPCOS B82464P4 Datasheet HTML 6Page - EPCOS B82464P4 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Rated inductance LR
Measured with LCR meter Agilent 4284A at frequency fL, 0.1 V,
+20 °C
Rated temperature TR
+85 °C
Rated current IR
Max. permissible DC with temperature increase of
40 K
at rated temperature
Saturation current Isat
Max. permissible DC with inductance decrease L/L0 of approx. 10%
DC resistance Rmax
Measured at +20 °C
Solderability (lead-free)
Dip and look method Sn95.5Ag3.8Cu0.7: +(245 5) °C, (5 0.3) s
Wetting of soldering area
90% (based on IEC 60068-2-58)
Resistance to soldering heat +260 °C, 40 s (as referenced in JEDEC J-STD 020D)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +150 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 2 g
LR
H
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ordering code
0.82
20%
M 0.1
7.50
10.5
0.007
B82464P4821M000
1.0
0.1
7.50
10.0
0.007
B82464P4102M000
1.5
0.1
7.00
8.5
0.009
B82464P4152M000
2.2
0.1
6.50
7.0
0.010
B82464P4222M000
3.3
0.1
5.50
5.9
0.012
B82464P4332M000
4.7
0.1
4.90
5.2
0.015
B82464P4472M000
6.8
0.1
4.30
4.6
0.020
B82464P4682M000
10
0.1
3.40
3.5
0.030
B82464P4103M000
15
0.1
2.75
3.1
0.040
B82464P4153M000
22
0.1
2.25
2.5
0.052
B82464P4223M000
33
0.1
1.85
2.1
0.075
B82464P4333M000
47
0.1
1.55
1.8
0.095
B82464P4473M000
68
0.1
1.30
1.45
0.13
B82464P4683M000
100
0.1
1.05
1.15
0.22
B82464P4104M000
150
0.1
0.85
0.90
0.32
B82464P4154M000
220
0.1
0.70
0.75
0.44
B82464P4224M000
330
0.1
0.59
0.65
0.65
B82464P4334M000
470
0.1
0.50
0.55
0.93
B82464P4474M000
680
0.1
0.42
0.46
1.30
B82464P4684M000
1000
0.1
0.34
0.35
2.20
B82464P4105M000
^
B82464P4
SMT power inductors
Size 10.4 x 10.4 x 4.8 (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com