Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

644 300 75 Datasheet(PDF) 5 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 644 300 75
Description  Protection rating IP65
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

644 300 75 Datasheet(HTML) 5 Page - WERMA Signaltechnik GmbH + Co. KG

  644 300 75 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.werma.com
33
Permanent light
12-240 V
red
641 100 00
green
641 200 00
yellow
641 300 00
clear
641 400 00
blue
641 500 00
Bulb not included in assembly. Accessories see page 34.
Blinking light
24 V
≅
115 V
≅
230 V
≅
red
642 100 75
642 100 77
642 100 78
green
642 200 75
642 200 77
642 200 78
yellow
642 300 75
642 300 77
642 300 78
clear
642 400 75
642 400 77
642 400 78
blue
642 500 75
642 500 77
642 500 78
Bulb not included in assembly. Accessories see page 34.
Flashing light
24 V
= (ASI)
24 V
=
115 V
∼
230 V
∼
red
643 110 55
643 100 55
643 100 67
643 100 68
green
643 210 55
643 200 55
643 200 67
643 200 68
yellow
643 310 55
643 300 55
643 300 67
643 300 68
clear
643 410 55
643 400 55
643 400 67
643 400 68
blue
643 510 55
643 500 55
643 500 67
643 500 68
LED Permanent light
24 V
≅
115 V
∼
230 V
∼
red
644 100 75
644 100 67
644 100 68
green
644 200 75
644 200 67
644 200 68
yellow
644 300 75
644 300 67
644 300 68
clear
644 400 75
644 400 67
644 400 68
blue
644 500 75
644 500 67
644 500 68
LED Blinking light
24 V
≅
115 V
∼
230 V
∼
red
644 110 75
644 110 67
644 110 68
green
644 210 75
644 210 67
644 210 68
yellow
644 310 75
644 310 67
644 310 68
clear
644 410 75
644 410 67
644 410 68
blue
644 510 75
644 510 67
644 510 68
LED Rotating light
24 V
≅
red
644 130 75
green
644 230 75
yellow
644 330 75
clear
644 430 75
blue
644 530 75
Further voltages on request.
Com
pare
the pr
ices
and
advan
tage
s of
an LED
Blinking
light
Terminal element for tube mounting
CAGE CLAMP®
Screw connection
including cap
640 810 00
640 830 00
Terminal element for bracket or base mounting
including cap and seal
640 800 00
640 820 00
Terminal element with
USB Interface (for tube mounting)
640 840 00
Technical specifications and order specifications see page 46.
Life dur
ation
up to
100,000
hrs
Permanent / Blinking / Flashing
light element
Permanent light, clear with info
LED element
Terminal element with cap
NEW
ORDER SPECIFICATIONS OPTICAL ELEMENTS:
ORDER SPECIFICATIONS TERMINAL ELEMENTS:
640
Signal Tower Kombi
SIGN 71



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com