Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350BBCZ-RL Datasheet(PDF) 34 Page - Analog Devices

Part # ADUCM350BBCZ-RL
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ-RL Datasheet(HTML) 34 Page - Analog Devices

Back Button ADUCM350BBCZ-RL Datasheet HTML 30Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 31Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 32Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 33Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 34Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 35Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 36Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 37Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 33 of 40
AFE CONTROL
Figure 42. AFE Control
The AFE can be controlled by the ARM Cortex-M3 via MMRs.
All blocks within the AFE are fully controllable and observable
using the MMR registers. Access the MMRs through an AHB
bus or indirectly through a programmable sequencer. There are
two dedicated DMA channels to remove burden from the ARM
Cortex-M3 to manage data and control FIFOs.
The sequencer handles low level AFE operations and allows the
AFE to perform its functions independently. It performs cycle
accurate precision AFE measurements asynchronously of the
core.
The sequencer allows the user to create parameterized wave-
forms using the waveform generator block. The waveforms can
be trapezoids or sinusoids. Arbitrary waveforms are possible
using the AFE sequencer and DMA transfers.
Figure 43. Waveform Generation
CAPTOUCH FEATURES
The ADuCM350 incorporates a capacitive touch subsystem that
interfaces with up to six capacitive touch channels in self
capacitance mode and incorporates high performance
capacitance sensing circuitry without external components.
The sensor input configuration is very flexible and uses several
techniques to ensure that there are no false touches (that is, no
registering touches caused by a changing environment) on the
external sensors. To minimize noise pickup from the system,
the ADuCM350 CapTouch core includes several algorithms,
such as median and averaging filtering measurements, as well
as configurable excitation frequency and duty cycle. The
subsystem includes a self timer and touch-and-release routines
to optimize the power consumption and reduce the computing
workload in the ARM Cortex-M3.
Figure 44. CapTouch External Interface
ANALOG
BLOCKS
50Hz/60Hz
FILTER
SEQUENCER
COMMAND
FIFO
DSP
ACCELERATORS
DFT
WAVEFORM
GENERATOR
DATA
FIFO
(TO M3)
INTERRUPT
GENERATION
MMR
AFE
ARM
CORTEX-M3
SINE
GENERATION
TRAPEZOID
GENERATION
DAC CODE
(DC)
DAC
CapTouch
PCB
BU_ONOFF
CAPACITIVE
TOUCH
BU_LEFT
BU_RIGHT
BU_UP
BU_DOWN
BU_ENTER
AGND_TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com