Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5072
Description  Fully Automatic High Performance Conductivity Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 4 Page - Analog Devices

  ADP5072 Datasheet HTML 1Page - Analog Devices ADP5072 Datasheet HTML 2Page - Analog Devices ADP5072 Datasheet HTML 3Page - Analog Devices ADP5072 Datasheet HTML 4Page - Analog Devices ADP5072 Datasheet HTML 5Page - Analog Devices ADP5072 Datasheet HTML 6Page - Analog Devices ADP5072 Datasheet HTML 7Page - Analog Devices ADP5072 Datasheet HTML 8Page - Analog Devices ADP5072 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Circuit Note
CN-0359
analog.com
Rev. C | 4 of 10
Figure 3. 2-Pole and 4-Pole Conductivity Cells
The 2-pole sensor is more suitable for low conductivity measure-
ments, such as purified water, and various biological and pharma-
ceutical liquids. The 4-pole sensor is more suitable for high conduc-
tivity measurements, such as waste water and seawater analysis.
The cell constants for 2-pole cells typically range from approximate-
ly 0.1/cm to 1/cm, and the cell constants for 4-pole cells typically
range from 1/cm to 10/cm.
The 4-pole cell eliminates the errors introduced by polarization of
the electrodes and field effects that can interfere with the measure-
ment.
The actual configuration of the electrodes can be that of parallel
rings, coaxial conductors, or others, rather than the simple parallel
plates shown in Figure 2.
Regardless of the type of cell, it is important not to apply a DC
voltage to any electrode, because ions in the liquid accumulate on
the electrode surface, thereby causing polarization, measurement
errors, and damage to the electrode.
Take special care with sensors that have shields, as in the case
of coaxial sensors. Connect the shield to the same potential as
the metal container holding the liquid. If the container is grounded,
connect the shield to the circuit board ground.
The final precaution is not to exceed the rated excitation voltage
or current for the cell. The CN0359 circuit allows programmable
excitation voltages from 100 mV to 10 V, and the 1 kΩ series
resistor limits the maximum cell current to 10 mA.
EXCITATION GENERATION
The excitation square wave for the conductivity cell is generated by
switching the ADG1419 between the +VEXC and −VEXC voltages
using the pulse-width modulation (PWM) output of the ADuCM360
microcontroller. It is important that the square wave has a precise
50% duty cycle and a very low DC offset. Even small DC offsets
can damage the cell over a period of time.
The +VEXC and −VEXC voltages are generated by the ADA4077-2
op amps, and their amplitudes are controlled by the DAC output of
the ADuCM360, as shown in Figure 4.
Figure 4. Excitation Voltage Sources
The ADA4077-2 has a typical offset voltage of 15 μV (A grade), a
0.4 nA bias current, and a 0.1 nA offset current, which minimizes
residual DC content of the excitation waveform. Output current is up
to ±10 mA, allowing use with very high conductivity liquids; and the
low 1.2 V dropout maximizes the available output swing.
The ADA4077-2 op amp has a closed-loop gain of 8.33 and
converts the ADuCM360 internal DAC output (0 V to 1.2 V) to
the +VEXC voltage of 0 V to 10 V. The second ADA4077-2 op
amp inverts the +VEXC and generates the −VEXC voltage. R22 is
chosen such that R22 = R24||R27 to achieve first-order bias current
cancellation. The error due to the 15 μV offset voltage of the first
ADA4077-2 op amp is approximately (2 × 15 μV) ÷ 10 V = 3 ppm.
The primary error introduced by the inverting stage is therefore the
error in the resistor matching between R24 and R27.
The ADG1419 is a 2.1 Ω, on-resistance SPDT analog switch with
an on-resistance flatness of 50 mΩ over a ±10 V range, making it
ideal for generating a symmetrical square wave from the ±VEXC
voltages. The ADG1419 introduces a symmetrical error of 50 mΩ ÷
1 kΩ = 50 ppm (Typical).
ANALOG SIGNAL CONDITIONING
The voltage applied to the conductivity cell is measured with the
AD8253 instrumentation amplifier. The positive input to the AD8253
is buffered by the ADA4622-1. The ADA4622-1 is chosen based pri-
marily on its bias current of 5 pA to minimize the error in measuring
low currents associated with low conductivities. The negative input
of the AD8253 does not require buffering.
The offset voltages of AD8253 and ADA4638-1 are removed by the
synchronous sampling stage and do not affect the measurement
accuracy.
The AD8253 instrumentation amplifiers have a high bandwidth of
10 MHz, programmable gains of 1, 10, 100, 1000, and a gain error
of less than 0.04%. The AD8253 also has a slew rate of 20 V/μs
and a settling time of 1.8 μs to 0.001% for G = 1000. The fixed,
selectable gains provide a wide measurement range, and the fast
slew rate ensures that the output is fully settled before sampling.
The ADA4627-1 stage is a precision current to voltage converter
that converts the current through the sensor to a voltage. The low
bias current and offset voltage of the ADA4627-1 has typical values



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com