Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3552R Datasheet(PDF) 2 Page - Analog Devices

Part # AD3552R
Description  Precision Low Latency Development Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 2 Page - Analog Devices

  AD3552R Datasheet HTML 1Page - Analog Devices AD3552R Datasheet HTML 2Page - Analog Devices AD3552R Datasheet HTML 3Page - Analog Devices AD3552R Datasheet HTML 4Page - Analog Devices AD3552R Datasheet HTML 5Page - Analog Devices AD3552R Datasheet HTML 6Page - Analog Devices AD3552R Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Note
CN-0584
analog.com
Rev. 0 | 2 of 7
CIRCUIT DESCRIPTION
HARDWARE-IN-THE-LOOP
The CN0584 simplifies and accelerates the development and test
process for control systems using HIL emulation of expensive, com-
plex, or not-yet-developed hardware. Figure 2 shows a high-level
block diagram of a typical HIL setup using the CN0584 kit.
Figure 2. Hardware-in-the-Loop Simulation Setup
The electronic control unit (ECU) device under test (DUT) repre-
sents a controller, which produces digital output signals based
on analog feedback inputs from the device it is controlling. The
CN0584 emulates a device with custom hardware description lan-
guage (HDL) loaded into an FPGA board, providing a real-time
simulation of realistic performance.
One example of an HIL simulation that can be performed using the
CN0584 is emulating the load for a 3-phase motor controller. The
motor's behavior is first described in Simulink®, which is used to
generate an HDL module that can be integrated into the CN0584
HDL template.
Applying this example to Figure 2, the ECU produces pulse width
modulation (PWM) control signals, which are conditioned by three
channels on the analog front end board and digitized by the ADCs
on the data acquisition and signal generation board. Based on
these inputs, the HDL hardware model simulates parameters such
as the current draw, speed, inertia, and position of a modeled
motor. These parameters are converted to analog signals and
routed back to the ECU, which then closes the loop, adjusting its
output PWM signals based on this feedback.
The ECU can be quickly evaluated for nominal operating condi-
tions, corner cases (for example, maximum and minimum motor
load), and various failure modes, each of which can be quickly
implemented in simulation with no additional associated costs or
damage to physical hardware.
ANALOG MEASUREMENT AND SIGNAL
GENERATION
Input Voltage Range
The CN0584 supports an analog input voltage range of ±10 V by
default. Additional input ranges of ±5 V, ±4.096 V, ±2.5 V, and ±1.5
V are hardware-selectable.
Analog Input Protection
The CN0584 provides analog input protection on all four ADC and
DAC channels using the ADG5421F high voltage dual single-pole,
single-throw (SPST) switch, offering overvoltage protection up to
±60 V. This protection is particularly important for HIL applications
where high power signals may be present, and it also enables
users to quickly adapt or modify their setups without worrying about
miswiring or improper connections.
The ADG5421F is supplied by the +15 V and -15 V power rails, and
if either the S1 or S2 pin exceeds one of those voltage levels by
VT (0.7 V), the switch automatically turns off. For the ADCs, these
pins connect to the differential input ports; and for the DACs, they
connect to the two DAC channel output ports.
The ADG5421F also provides a fault flag (FF), which is routed to
the CN0585 and read by a MAX7301 serial peripheral interface
(SPI), 28-port I/O expander. The expander’s SPI port is routed
to the FMC connector, and read by the FPGA board. In normal
operation, the FF pin is pulled high. However, if an overvoltage
condition is detected, the FF pin is pulled low to indicate a fault has
occurred.
Output Voltage Range
The CN0584 supports an analog output voltage range of ±10
V by default. Additional output ranges of ±5 V, 0 V to +2.5 V,
0 V to +5 V, and 0 V to +10 V are hardware-selectable. Note
that the register settings, which are controlled using the provided
software interfaces, must also be updated for these output range
modifications to take effect.
SYSTEM PERFORMANCE
Latency
Figure 3 shows the test setup used to measure the latency of the
CN0584. A 1 MHz pulsed sine wave was generated from memory
using the FPGA and passed through to one DAC output channel.
This DAC output was monitored using an external scope and fed
back via subminiature version-A (SMA) cable as an input to one of
the ADC channels, where it was used as the input signal to the cor-
responding DAC channel. The output from this DAC channel was
measured using the same oscilloscope, enabling the measurement
of signal latency through the ADC input path, FPGA board, and
DAC output path.
Figure 3. Latency Test Setup
Figure 4 shows the latency and settling time of the CN0584 output
as captured by an oscilloscope. With the CN0584 DAC output set



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com