Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4522
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522 Datasheet(HTML) 3 Page - Analog Devices

  ADA4522 Datasheet HTML 1Page - Analog Devices ADA4522 Datasheet HTML 2Page - Analog Devices ADA4522 Datasheet HTML 3Page - Analog Devices ADA4522 Datasheet HTML 4Page - Analog Devices ADA4522 Datasheet HTML 5Page - Analog Devices ADA4522 Datasheet HTML 6Page - Analog Devices ADA4522 Datasheet HTML 7Page - Analog Devices ADA4522 Datasheet HTML 8Page - Analog Devices ADA4522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 3 of 10
CIRCUIT DESCRIPTION
The CN0582 is a complete solution capable of measuring data from
analog sensors using the provided software or API libraries.
The system offers a variable amplitude and frequency sinusoidal
signal to drive an external shaker table as a test stimulus for
reading back different sensor responses.
The solution comes with evaluation software that provides full con-
trol over all the board’s functions. These functions include enabling
current sources and ac- or dc-coupling, input bias adjustment, data
capture in both time and frequency domain, providing a single-tone
or sweeping sinusoid, and data export.
The optional software API library is compatible with many different
environments, and was tested using LabVIEW, C#, and Python.
The API enables customers to develop their own custom functions
and complete applications.
Several key features of this solution are as follows:
►
4-channel simultaneous data acquisition
►
On-board IEPE excitation
►
IEPE input channel offsetting
►
Signal Generator:
►
Single tone or linear sweep
►
Electronic loopback testing
►
Shaker table excitation
►
CN0582 Evaluation Software
►
System configuration
►
Graphical display
►
File export (data acquisition, vibration test)
Table 1. Hardware Specifications
Specifications
Min
Typ Max
Unit/Remarks
Power Requirements
Input
Voltage
4.5
5
6
V
Current
500
600 mA
Analog Input
IEPE
Full scale
0.1m*
10
V
Bias
13
VDC
Current
source
4
mA
4 mA to 20 mA (CH3)
Resistance
249 Ω
Power
0.25 W
THD + N
-87
-84
dB, 3.3 Vp-p at
1 kHz
SNR
99
dB, 10 Vp-p at
20 Hz to 20
kHz
Accuracy
1
% error
(at greater than
100 mV)
Table 1. Hardware Specifications (Continued)
Specifications
Min
Typ Max
Unit/Remarks
Analog Output
Voltage
0.5
7
V peak-to-peak
Frequency
0.02
25
kHz
THD + N
-52
-55
dB, 7 Vp-p at
20 Hz to 20
kHz
Accuracy
1
% error
*Based on PGA setting of 1.
VIBRATION SENSOR TYPES
Piezo vs. MEMS Sensor
Traditionally, piezoelectric accelerometers have been the bench-
mark for vibration monitoring and are still the sensor of choice in
the highest sensitivity applications, or where very high accelerations
are involved. Microelectromechanical systems (MEMS) sensors
were previously deemed unusable due to their limited bandwidth,
g-range, and noise performance across frequency.
Recent advancements in MEMS sensor technology (especially with
frequency response and noise performance) make MEMS sensors
a viable alternative in many CbM applications. MEMS sensors are
typically smaller and lower cost, and have a frequency response
that extends to dc (0 Hz). One example is the CN0532, a typical
MEMS based sensor with circuitry implementing an IEPE interface.
The CN0582 is compatible with piezoelectric IEPE sensors as
well as IEPE-compatible sensors based on other technology. The
excitation current sources can be disabled, allowing connection to
voltage output sensors.
IEPE INTERFACE
Unconditioned piezoelectric sensors have a high output impedance,
making it difficult or impossible to drive any length of cable. These
sensors are also sensitive to cable movements and electromagnetic
interference, and require precision, high impedance signal condi-
tioning circuitry.
IEPE refers to a standard in which the signal conditioning electron-
ics are integrated into the sensor. The internal electronics convert
the high impedance charge output into a low impedance voltage
signal, making it easier to transmit. The standard also uses a
single conductor to provide both power and signal, which minimizes
cabling complexity.
Figure 2 shows a high level block diagram of the IEPE interface.
Power is supplied via a constant current source to the sensor.
The sensor then modulates the output voltage depending on the
measured vibration, which allows the signal to be measured across
the same line as the power source.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com