Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128-9609 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 128-9609
Description  IEC Mineral Insulated Thermocouple with Standard Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

128-9609 Datasheet(HTML) 1 Page - Labfacility Ltd

  128-9609 Datasheet HTML 1Page - Labfacility Ltd 128-9609 Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
^ƉĞĐŝĮ ĐĂƟŽŶƐ
Sensor type:
Type ‘K’ with Nickel Chromium/Nickel Aluminium
conductors
ŽŶƐƚƌƵĐƟŽŶ͗
Flexible mineral insulated probe, 310 stainless steel
ƐŚĞĂƚŚΘƐƚĂŶĚĂƌĚƉůƵŐƚĞƌŵŝŶĂƟŽŶ
^ŚĞĂƚŚĐŽŵƉŽƐŝƟŽŶ͗
310 stainless steel (25/20 chromium nickel steel)
ůĞŵĞŶƚͬ ŚŽƚũƵŶĐƟŽŶ͗
^ŝŶŐůĞĞůĞŵĞŶƚ͕ ũƵŶĐƟŽŶŝŶƐƵůĂƚĞĚĨƌŽŵƐŚĞĂƚŚŝŶŽƌĚĞƌ
to prevent electrical noise & interference
dĞƌŵŝŶĂƟŽŶ͗
Standard round pin plug, colour coded ‘Green in
accordance IEC
Reference Tables/Tolerance:
In accordance with IEC
Probe temperature range:
-40°C to +1100°C
Plug temperature range:
200°C
 Mineral insulated Type ‘K’ Thermocouple
 310 stainless steel sheath
 Highly flexible, sheath can be bent/formed to
ƐƵŝƚŵĂŶLJĂƉƉůŝĐĂƟŽŶƐĂŶĚƉƌŽĐĞƐƐĞƐ
 diameters include 1.5, 3.0 & 6.0mm
 /ŶƐƵůĂƚĞĚŚŽƚũƵŶĐƟŽŶ
 Probe temperature range -40°C up to +1100°C
 ^ƚĂŶĚĂƌĚƉůƵŐƚĞƌŵŝŶĂƟŽŶ;ϮϬϬΣͿ
 ŽŶĨŽƌŵƐƚŽ/ƐƉĞĐŝĮ ĐĂƟŽŶ
IEC Mineral Insulated
Thermocouple with Standard Plug
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
074/0314 IEC Mineral Insulated Thermocouple with Standard Plug


Similar Part No. - 128-9609

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
128-9600 LABFACILITY-128-9600 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9601 LABFACILITY-128-9601 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9602 LABFACILITY-128-9602 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9604 LABFACILITY-128-9604 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
More results

Similar Description - 128-9609

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0607 SCHURTER-0607 Datasheet
388Kb / 3P
Interconnection Cord with IEC Plug E, Angled
0609 SCHURTER-0609 Datasheet
425Kb / 3P
Interconnection Cord with IEC Plug E, Straight
2731 SCHURTER-2731 Datasheet
320Kb / 2P
Interconnection Cord with IEC Plug C, Straight
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
logo
Laird Tech Smart Techno...
ESP-100-POE LSTD-ESP-100-POE Datasheet
362Kb / 2P
Complies with IEC 61643-21 standard
logo
Schurter Inc.
6007.0204 SCHURTER-6007.0204 Datasheet
283Kb / 3P
IEC Interconnection Cord with IEC plug stripped end
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
Pentair plc. All rights...
MR-20 PENTAIR-MR-20 Datasheet
232Kb / 2P
MINERAL REDUCTION CARTRIDGE
MR-225 PENTAIR-MR-225 Datasheet
215Kb / 2P
MINERAL REDUCTION CARTRIDGE
MR-350 PENTAIR-MR-350 Datasheet
206Kb / 2P
MINERAL REDUCTION CARTRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com