Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

245-4348 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 245-4348
Description  IEC Type J Mineral Insulated Thermocouple with Miniature Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

245-4348 Datasheet(HTML) 1 Page - Labfacility Ltd

  245-4348 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Sensor type:
Type ‘J’
Construction:
Flexible mineral insulated probe with 321 stainless steel sheath
Element/hot junction:
Single element, junction insulated from sheath (offers protection against
spurious electrical signals)
Termination:
Miniature flat pin plug, colour coded ‘Black’ in accordance IEC
Probe temperature range:
-40°C to +750°C
Plug temperature range:
200°C
 Mineral insulated Type ‘J’ Thermocouple
 321 stainless steel sheath
 Highly flexible, sheath can be bent/formed to suit
many applications and processes
 1.0 & 1.5mm diameters
 Insulated hot junction
 Probe temperature range -40°C up to +750C
 Miniature plug termination (200°C)
 Conforms to IEC specification
IEC Type J Mineral Insulated
Thermocouple with Miniature Plug
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
elements in the continued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accreditation.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
130/0717 IEC Type J Mineral Insulated Thermocouple with Miniature Plug
Type ‘J’ – 321 stainless steel sheath
Excellent corrosion resistance, retains good ductile properties to suit a wide range of industrial applications &
processes. Typical applications include heat treatment & annealing furnaces, aluminium heat treatment,
chemical reactors, plastic/rubber moulding industry, polythene manufacture, coal plants, paper mills, textile
industry etc.
Order codes:
T/C Type
Probe
Probe
Sheath
Manufacturing
Farnell
Dia. (mm)
Length (mm)
Part No.
code
J
1.0
250
321SS
MB-ISJ-S10-250-MP
245-4346
J
1.5
500
321SS
MB-ISJ-S15-500-MP
245-4347
J
1.5
1000
321SS
MB-ISJ-S15-1000-MP
245-4348


Similar Part No. - 245-4348

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
245-4350 LABFACILITY-245-4350 Datasheet
431Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Standard Plug
245-4351 LABFACILITY-245-4351 Datasheet
343Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug
245-4353 LABFACILITY-245-4353 Datasheet
431Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Standard Plug
245-4354 LABFACILITY-245-4354 Datasheet
343Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug
245-4355 LABFACILITY-245-4355 Datasheet
343Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug
More results

Similar Description - 245-4348

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4730 SCHURTER-4730 Datasheet
322Kb / 2P
Plug Coupler IEC C20 / IEC J, Screw-on Mounting
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
List of Unclassifed Man...
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
Pentair plc. All rights...
MR-20 PENTAIR-MR-20 Datasheet
232Kb / 2P
MINERAL REDUCTION CARTRIDGE
logo
WAGO Kontakttechnik Gmb...
750-469-000-006 WAGO-750-469-000-006 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple J; Diagnostics
750-469 WAGO-750-469 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple J; Diagnostics
logo
Schurter Inc.
4730 SCHURTER-4730_20 Datasheet
286Kb / 3P
Plug Coupler IEC C20 / IEC J, Screw-on Mounting
logo
Advantech Co., Ltd.
BB-WTJ-10-36-TT ADVANTECH-BB-WTJ-10-36-TT Datasheet
361Kb / 1P
J-type Thermocouple - washer, ungrounded
logo
List of Unclassifed Man...
TYPEJ ETC-TYPEJ Datasheet
199Kb / 1P
Duplex Insulated Iron-Constantan Duplex ANSI Type J
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com