Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128-9629 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 128-9629
Description  Type K, Mineral Insulated thermocouple
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

128-9629 Datasheet(HTML) 1 Page - Labfacility Ltd

  128-9629 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type
Dia
Probe
Cable
Manufacturer Part No
Farnell
Length Length
Order #
(mm)
(mm)
(mtrs)
K
1
100
2
MA-ISK-S10-100-P1-2.0-C2-T
128-9614
K
1
250
2
MA-ISK-S10-250-P1-2.0-C2-T
128-9617
K
1
500
2
MA-ISK-S10-500-P1-2.0-C2-T
128-9618
K
1
1000
2
MA-ISK-S10-1000-P1-2.0-C2-T
128-9619
K
1.5
100
2
MA-ISK-S15-100-P1-2.0-C2-T
128-9620
K
1.5
150
2
MA-ISK-S15-150-P1-2.0-C2-T
128-9621
K
1.5
250
2
MA-ISK-S15-250-P1-2.0-C2-T
128-9622
K
1.5
500
2
MA-ISK-S15-500-P1-2.0-C2-T
128-9623
K
1.5
1000
2
MA-ISK-S15-1000-P1-2.0-C2-T
128-9624
K
1.5
2000
2
MA-ISK-S15-2000-P1-2.0-C2-T
128-9625
K
3
100
2
MA-ISK-S30-100-P1-2.0-C2-T
128-9626
K
3
250
2
MA-ISK-S30-250-P1-2.0-C2-T
128-9629
K
3
500
2
MA-ISK-S30-500-P1-2.0-C2-T
128-9630
K
3
1000
2
MA-ISK-S30-1000-P1-2.0-C2-T
128-9631
K
3
2000
2
MA-ISK-S30-2000-P1-2.0-C2-T
128-9632
K
6
100
2
MA-ISK-S60-100-P1-2.0-C2-T
128-9633
K
6
150
2
MA-ISK-S60-150-P1-2.0-C2-T
128-9634
K
1
100
1
MA-ISK-S10-100-P1-1.0-C2-T
128-9641
K
1
250
1
MA-ISK-S10-250-P1-1.0-C2-T
128-9642
K
1.5
2000
1
MA-ISK-S15-2000-P1-1.0-C2-T
128-9647
K
3
500
1
MA-ISK-S30-500-P1-1.0-C2-T
128-9648
Mineral insulated K thermocouples
Very rugged and flexible
Stainless steel (310) Sheath
WĂƌƟĐƵůĂƌůLJƐƵŝƚĂďůĞĨŽƌŚŝŐŚƉƌĞƐƐƵƌĞ͕ŚŝŐŚ
ǀ ĂĐƵƵŵŽƌŚŝŐŚǀ ŝďƌĂƟŽŶĂƉƉůŝĐĂƟŽŶƐ
Max temperature of probe 1100°C (K)
Plain pot seal (max temp 200°C)
7/0.2mm PFA Insulated Lead
Type K, Mineral Insulated thermocouple
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
106/0414 Type K, Mineral Insulated thermocouple


Similar Part No. - 128-9629

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
128-9600 LABFACILITY-128-9600 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9601 LABFACILITY-128-9601 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9602 LABFACILITY-128-9602 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9604 LABFACILITY-128-9604 Datasheet
826Kb / 2P
IEC Mineral Insulated Thermocouple with Miniature Plug
128-9609 LABFACILITY-128-9609 Datasheet
461Kb / 2P
IEC Mineral Insulated Thermocouple with Standard Plug
More results

Similar Description - 128-9629

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
Pentair plc. All rights...
MR-20 PENTAIR-MR-20 Datasheet
232Kb / 2P
MINERAL REDUCTION CARTRIDGE
MR-225 PENTAIR-MR-225 Datasheet
215Kb / 2P
MINERAL REDUCTION CARTRIDGE
MR-350 PENTAIR-MR-350 Datasheet
206Kb / 2P
MINERAL REDUCTION CARTRIDGE
logo
WAGO Kontakttechnik Gmb...
750-469-003-000 WAGO-750-469-003-000 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
753-469 WAGO-753-469 Datasheet
585Kb / 11P
2-channel analog input; Thermocouple K; Diagnostics
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Maxim Integrated Produc...
MAX31855EVKIT MAXIM-MAX31855EVKIT Datasheet
918Kb / 12P
Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
logo
Advantech Co., Ltd.
BB-WTJ-10-36-TT ADVANTECH-BB-WTJ-10-36-TT Datasheet
361Kb / 1P
J-type Thermocouple - washer, ungrounded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com