Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-003-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # LB-003-D
Description  Solid Drilled Thermopocket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

LB-003-D Datasheet(HTML) 2 Page - Labfacility Ltd

  LB-003-D Datasheet HTML 1Page - Labfacility Ltd LB-003-D Datasheet HTML 2Page - Labfacility Ltd LB-003-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TP - 2
Nov-23
Specifications
General Description
Solid one-piece construction
Material
303 Stainless steel
Process Thread
1/2” BSP parallel process thread
Type & Stem Diameter 6.0mm diameter probes*
Stem Length
150mm
* Supplied complete with stainless steel compression fitting to suit probe
Ordering Information
Style
Process
Thread
Material
Outer
Diameter
(D)
Suits
probe
diameter
Immersion
Length (L)
Manufacturers Code Farnell
Order
Number
Solid
Drilled
1/2" BSPP
303 S/S
12mm
6mm
150mm
LB-003-D+FC-138
4073501



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com