Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMDS19001BK1.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PCMDS19001BK1..
Description  Horizontal Steel Finger Cable Manager PCMDS Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PCMDS19001BK1.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PCMDS19001BK1.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mounting Hardware
Data subject to change without notice.
Horizontal Steel Finger Cable Manager PCMDS Series
Features
Constructed in 16-gauge steel.
Snap open, hinged door.
Rack mount side has five slotted openings.
Openings in the rear for cable entry.
Designed to fit standard 19” rails.
Finished in textured black powder paint.
Requires mounting hardware.
RoHS and REACH compliant.
Manufactured in North America.
Looking for a plastic finger option? Take a look at our new RB-
HFM Series.
Accessories
Part No.
Overall
Usable Mounting Dimensions
Depth
Rack Units
Height
PCMDS19001BK1
3.00
1U
1.75
PCMDS19003BK1
3.00
2U
3.50
PCMDS19005BK1
3.00
3U
5.25
© 2016. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - PCMDS19001BK1..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMDS19001BK1 HAMMOND-PCMDS19001BK1 Datasheet
60Kb / 1P
Gestionnaire de cables horizontal a peigne en acier
PCMDS19001BK1 HAMMOND-PCMDS19001BK1 Datasheet
283Kb / 1P
Mounting hardware not included
More results

Similar Description - PCMDS19001BK1..

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
logo
TT Electronics.
FSLS12P TTELEC-FSLS12P Datasheet
330Kb / 1P
Horizontal Stainless Steel Switch
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
WMPLFSE PANDUIT-WMPLFSE Datasheet
273Kb / 1P
WMPLFSE HORIZONTAL MANAGER
04A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com