Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASU190120BK1.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RASU190120BK1..
Description  Universal Rack Shelf RAS Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RASU190120BK1.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RASU190120BK1.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. RASU190120BK1.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting Hardware
Hook and Loop Roll
Universal Rack Shelf RAS Series
Features
Constructed of 14 or 16 gauge steel.
Universal design mounts to any standard EIA compliant rack or cabinet.
Allows easy rack mounting of equipment or items that do not have rack
mounting capabilities.
Mounts to rack rails either as an internal shelf or external shelf/work area
Available in either vented or unvented versions
Tested up to nearly double the suggested load rating of 200 lbs.
Rugged textured black powder paint finish.
RoHS and REACH compliant.
Manufactured in North America.
Accessories
19 Inch Mounting Shelves
Part No.
Part No.
Mounting Dimensions
Stiffener Lip(s)
Suggested
Vented
Solid
Rack Units
Height
Width Depth
Folded
Load Capacity
RASV190107UBK1
RASU190107UBK1
1U
1.75
19.00
7.00
Up (Front & Back)
40
RASV190107DBK1
RASU190107DBK1
1U
1.75
19.00
7.00
Down (Front & Back)
40
RASV190110BK1
RASU190110BK1
1U
1.75
19.00
10.00
Up (Back Only)
40
RASV190115BK1
RASU190115BK1
1U
1.75
19.00
15.00
Up (Back Only)
40
RASV190120BK1
RASU190120BK1
1U
1.75
19.00
20.00
Up (Back Only)
40
RASVL190314BK1
RASUL190314BK1
2U
3.50
19.00
14.50
Up (Back Only)
65
RASV190315BK1
RASU190315BK1
2U
3.50
19.00
15.00
Up (Back Only)
100
RASV190318BK1
RASU190318BK1
2U
3.50
19.00
18.00
Up (Back Only)
100
RASV190320BK1
RASU190320BK1
2U
3.50
19.00
20.00
Up (Back Only)
100
RASVL190514BK1
RASUL190514BK1
3U
5.25
19.00
14.50
Up (Back Only)
80
RASV190515BK1
RASU190515BK1
3U
5.25
19.00
15.00
Up (Back Only)
200
RASV190520BK1
RASU190520BK1
3U
5.25
19.00
20.00
Up (Back Only)
200
RASV190715BK1
RASU190715BK1
4U
7.00
19.00
15.00
Up (Back Only)
200
RASV190720BK1
RASU190720BK1
4U
7.00
19.00
20.00
Up (Back Only)
200
Tested to nearly double the suggested load rating.
23 Inch Mounting Shelves
Part No.
Part No.
Mounting Dimensions
Rack
Stiffener Lip(s)
Suggested
Vented
Solid
Height
Width
Depth
Units
Folded
Load Capacity
RASV230515BK1
RASU230515BK1
5.25
23.00
15.00
3U
Up (Back Only)
200
RASV230520BK1
RASU230520BK1
5.25
23.00
20.00
3U
Up (Back Only)
200
Tested to nearly double the suggested load rating.
24 Inch Mounting Shelves
Quality Products. Service Excellence.


Similar Part No. - RASU190120BK1..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RASU190120BK1 HAMMOND-RASU190120BK1 Datasheet
69Kb / 2P
Tablette en porte-a-faux pour montage sur deux montants
RASU190120BK1 HAMMOND-RASU190120BK1 Datasheet
75Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RASU190120BK1 HAMMOND-RASU190120BK1 Datasheet
241Kb / 2P
Universal Rack Shelf
More results

Similar Description - RASU190120BK1..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP23 ETC-OP23 Datasheet
66Kb / 2P
c-H-RAS
logo
Bud Industries, Inc.
SA-1748 BUD-SA-1748 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
logo
Bud Industries, Inc.
SA-1753-BT BUD-SA-1753-BT Datasheet
75Kb / 1P
RELAY RACK SHELF
logo
Alliance Semiconductor ...
AS4C32M16SA ALSC-AS4C32M16SA Datasheet
1Mb / 54P
Single Pulsed RAS Interface
logo
Tripp Lite. All Rights ...
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
logo
Hammond Manufacturing L...
RAS HAMMOND-RAS_V01 Datasheet
241Kb / 2P
Universal Rack Shelf
logo
SUN HOLD ELECTRIC INC
RAS-12-10-A SUNHOLD-RAS-12-10-A Datasheet
956Kb / 2P
RAS SERIES
logo
Kendall Howard
1904-1-001-01 KENDALLHOWARD-1904-1-001-01 Datasheet
413Kb / 1P
FULL 20” RACK SHELF
1906-3-300-02 KENDALLHOWARD-1906-3-300-02 Datasheet
505Kb / 1P
2U 2-PIECE TELCO RACK SHELF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com