Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPFS19008BK2. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PPFS19008BK2.
Description  Perforated Steel Rack Panel PPFS Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PPFS19008BK2. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PPFS19008BK2. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mounting Hardware
Part No.
Part No.
Usable Mounting
Dimensions
Black
RAL 7035 Light
Gray
Rack Units
Height
PPFS19001BK2 PPFS19001LG2
1U
1.75
PPFS19003BK2 PPFS19003LG2
2U
3.50
PPFS19005BK2 PPFS19005LG2
3U
5.25
PPFS19007BK2 PPFS19007LG2
4U
7.00
PPFS19008BK2 PPFS19008LG2
5U
8.75
PPFS19010BK2 PPFS19010LG2
6U
10.50
Data subject to change without notice.
Perforated Steel Rack Panel PPFS Series
Features
Constructed of 16-gauge steel.
Fits standard EIA-310-D compliant rails.
Allows 25% airflow through panel.
Finished in smooth powder paint.
RoHS Compliant.
Manufactured in North America.
Gallery
Accessories
© 2016. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - PPFS19008BK2.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PPFS19008BK2 HAMMOND-PPFS19008BK2 Datasheet
67Kb / 1P
Panneaux pour batis en acier perfores
More results

Similar Description - PPFS19008BK2.

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBX-10980 BUD-NBX-10980 Datasheet
49Kb / 1P
STEEL INTERNAL PANEL
NBX-10999 BUD-NBX-10999 Datasheet
25Kb / 1P
STEEL INTERNAL PANEL
logo
List of Unclassifed Man...
NBX-10991 ETC2-NBX-10991 Datasheet
27Kb / 2P
STEEL INTERNAL PANEL
NBX-10992 ETC2-NBX-10992 Datasheet
29Kb / 2P
STEEL INTERNAL PANEL
A14N12PP ETC2-A14N12PP Datasheet
1Mb / 16P
PERFORATED PANELS
logo
Bud Industries, Inc.
PTX-18486 BUD-PTX-18486 Datasheet
30Kb / 1P
STEEL PANEL FOR PTR SERIES
12/21/21
PTX-18489 BUD-PTX-18489 Datasheet
30Kb / 1P
STEEL PANEL FOR PTR SERIES
12/21/21
PTX-18490 BUD-PTX-18490 Datasheet
29Kb / 1P
STEEL PANEL FOR PTR SERIES
12/21/21
PTX-18491 BUD-PTX-18491 Datasheet
29Kb / 1P
STEEL PANEL FOR PTR SERIES
12/21/21
PTX-18494 BUD-PTX-18494 Datasheet
30Kb / 1P
STEEL PANEL FOR PTR SERIES
12/21/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com