Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ0373C Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RZ0373C
Description  Water-Tight ABS & Polycarbonate Enclosures RZ Series Opaque or Clear Lid, Smooth Surface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RZ0373C Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RZ0373C Datasheet HTML 1Page - Hammond Manufacturing Ltd. RZ0373C Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/2/2019
Water-Tight ABS & Polycarbonate Enclosures (RZ Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/rz
1/2
Beige ABS plastic
Beige ABS plastic
with clear
polycarbonate lid
Light gray
polycarbonate
Light gray
polycabonate with
clear polycarbonate
lid
Enclosure is
assembled with
stainless steel
screws into stainless
steel inserts. Wall
Mounting holes are
outside the gaskets
perimeter.
Internal mounting
points designed for
printed circuit boards
or DIN rail
Water-Tight ABS & Polycarbonate Enclosures RZ Series
Opaque or Clear Lid, Smooth Surface
Key Features
Designed to meet IP65.
Ideally suited for mounting printed circuit boards or DIN rail mounted components
Gasketed lid with two-piece tongue & groove construction provides protection against
access of oil, dist, and water
Lid screws are self-captivating (lid holes are threaded with first installation of screws.)
All sizes are available with clear polycarbonate lid (part numbers ending in "C")
Easy to wall-mount using "through box-blind hole construction" whereby the wall-
mounting holes are outside the gasket perimeter.
ABS Plastic Specifications
Suggested for indoor use
UL Flammability rating of UL-94HB
Color: RAL1013
Temperature: -30 degrees C to +80 degrees C.
Polycarbonate Specifications
Suggested for outdoor use
UL Flammability rating of UL-94HB
Color: RAL7035
Temperature: -40 degrees C to +130 degrees C.
Available In Four Styles
Quality Products. Service Excellence.


Similar Part No. - RZ0373C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RZ03-1.4 TEC-RZ03-1.4 Datasheet
552Kb / 4P
Power PCB Relay RZ
09-2018, Rev. 0918
RZ03-1A. TEC-RZ03-1A. Datasheet
552Kb / 4P
Power PCB Relay RZ
09-2018, Rev. 0918
logo
Tyco Electronics
RZ03-1A3-D005 MACOM-RZ03-1A3-D005 Datasheet
178Kb / 4P
Power PCB Relay RZ
logo
TE Connectivity Ltd
RZ03-1A3-D005 TEC-RZ03-1A3-D005 Datasheet
552Kb / 4P
Power PCB Relay RZ
09-2018, Rev. 0918
logo
Tyco Electronics
RZ03-1A3-D006 MACOM-RZ03-1A3-D006 Datasheet
178Kb / 4P
Power PCB Relay RZ
More results

Similar Description - RZ0373C

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TG1208-9 ALTECH-TG1208-9 Datasheet
86Kb / 1P
ABS/POLYCARBONATE ENCLOSURE TG 1208-9
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
A-BRIGHT Inc
AL-01T7IR1WC-A30 A-BRIGHT-AL-01T7IR1WC-A30 Datasheet
329Kb / 4P
Water Clear
logo
Molex Electronics Ltd.
130112-0169 MOLEX11-130112-0169 Datasheet
37Kb / 1P
Clear Polycarbonate Guard
130112-0173 MOLEX11-130112-0173 Datasheet
29Kb / 1P
Clear Polycarbonate Guard
1301120173 MOLEX11-1301120173 Datasheet
29Kb / 1P
Clear Polycarbonate Guard
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
CamdenBoss Ltd.
CHDX7 CAMDENBOSS-CHDX7 Datasheet
723Kb / 6P
X7 series electrical heavy duty enclosures-polycarbonate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com