Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVB0.35/2/12 Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # AVB0.35/2/12
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

AVB0.35/2/12 Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  AVB0.35/2/12 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH AVB0.35/2/12 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety isolating transformer
AVB 0,35/2/12
Type
AVB 0,35/2/12
Input
Rated input voltage
2 x 115 Vac
Rated frequency
50 - 60 Hz
Output
Rated output voltage
2 x 12 Vac
Rated Power
0.35 VA
No-load voltage (app. x factor)
1.80
No-load loss (typ.)
1.30 W
Efficiency
30.0 %
Standards
Classification
Safety isolating transformer
Approvals
Approvals
cURus
Environment
Ambient temperature max.
70 °C
Safety and protection
Type
Encapsulated
Insulation class
VDE=B, UL=class 105
Protection index
IP 00
Safety class (prepared)
II
Short circuit strength
inherently short-circuit proof
Order numbers
Order Number
AVB 0,35/2/12
Type
AVB 0,35/2/12
Terminal and mounting
Terminals
Pins for printed circuit boards
Pin (ø)
0.6
Measures and weights
Core type
EE 20/6,1
Weight
0.02 kg
0.0
PRI
SEC
22.0
22.7
15.0
5.0
15.0
15.0
5.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com