Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM4T10
Description  TRANSIL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T10 Datasheet(HTML) 1 Page - STMicroelectronics

  SM4T10 Datasheet HTML 1Page - STMicroelectronics SM4T10 Datasheet HTML 2Page - STMicroelectronics SM4T10 Datasheet HTML 3Page - STMicroelectronics SM4T10 Datasheet HTML 4Page - STMicroelectronics SM4T10 Datasheet HTML 5Page - STMicroelectronics SM4T10 Datasheet HTML 6Page - STMicroelectronics SM4T10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 1992
SM4T6V8,A/220,A
SM4T6V8C,CA/220C,CA
TRANSIL
.
PEAK PULSE POWER= 400 W @ 1ms.
.
BREAKDOWN VOLTAGE RANGE :
From 6V8 to 220 V.
.
UNI AND BIDIRECTIONAL TYPES.
.
LOW CLAMPING FACTOR.
.
FAST RESPONSE TIME:
Tclamping : 1ps (0 V to VBR).
.
JEDEC REGISTRED.
FEATURES
SOD 6
(Plastic)
Symbol
Parameter
Value
Unit
Pp
Peak pulse power dissipation
See note 1 and derating curve Fig 1.
Tamb = 25
°C
400
W
P
Power dissipation on infinite heatsink
See note 1 and derating curve Fig 1.
Tlead = 50
°C5
W
IFSM
Non repetitive surge peak forward current.
For unidirectional types.
Tamb = 25
°C
t =10 ms
50
A
Tstg
Tj
Storage and junction temperature range
- 65 to + 175
150
°C
°C
TL
Maximum lead temperature for soldering
during 10 s.
260
°C
ABSOLUTE RATINGS (limiting values)
DESCRIPTION
Transil
diodes
provide
high
overvoltage
protection
by
clamping
action.
Their
instantaneous reponse to transients makes them
praticularly suited to protect voltage sensitive
devices such as MOS Technology and low
voltage supplied IC’s.
MECHANICAL CHARACTERISTICS
.
Body marked with : Logo, Date Code, Type
Code and Cathode Band (for unidirectional
types only).
.
Full compatibility with both gluing and paste
soldering technologies.
.
Excellent on board stability.
.
Tinned copper leads.
.
High temperature resistant resin.
1/7


Similar Part No. - SM4T10

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM4T10 SUNMATE-SM4T10 Datasheet
392Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T10 SUNMATE-SM4T10 Datasheet
651Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T10 SUNMATE-SM4T10 Datasheet
392Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T10 SUNMATE-SM4T10 Datasheet
651Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T10 SUNMATE-SM4T10 Datasheet
392Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SM4T10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
TRANSIL?
Mar-2003
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com