Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000FJT Datasheet(PDF) 16 Page - PANDUIT CORP.

Part # T024X000FJT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJT Datasheet(HTML) 16 Page - PANDUIT CORP.

Back Button T024X000FJT Datasheet HTML 12Page - PANDUIT CORP. T024X000FJT Datasheet HTML 13Page - PANDUIT CORP. T024X000FJT Datasheet HTML 14Page - PANDUIT CORP. T024X000FJT Datasheet HTML 15Page - PANDUIT CORP. T024X000FJT Datasheet HTML 16Page - PANDUIT CORP. T024X000FJT Datasheet HTML 17Page - PANDUIT CORP. T024X000FJT Datasheet HTML 18Page - PANDUIT CORP. T024X000FJT Datasheet HTML 19Page - PANDUIT CORP. T024X000FJT Datasheet HTML 20Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
16
Terminal Block Markers
• Ideally suited for terminal block labeling applications within
control panels
• Flexible marker design; create and install single or multiple markers
in a single step
• Less marker waste – print only as many as you need
• Flexible halogen-free markers have superior holding strength in
terminal blocks, eliminating markers that fall out
• Easy-Mark Plus™ Labeling Software required for printing terminal
block markers
• Meets EN61010-1 (VDE 0411-1) for abrasion and wipe resistance
• Meets EN ISO 175 for oil and chemical resistance
• Meets EN 60464-3:2001 for resistance to solvents
• Meets IEC 60947-4-1/2 for resistance to aging
• Meets IEC 60068-2-8 for vibration resistance
• Use thermal transfer RMER1BL resin ribbon
• Temperature range: -40°F to 180°F (-40°C to 82°C)
Order number of markers required in multiples of Standard Package Quantity.
Markers will not fit inside the printer. The external roll stand (TDP43ME-RS) is required.
Terminal Block Adapter Kit (TDP43ME-TB-KIT) is required to print the terminal block markers. (See page 34 for additional information.)
Part Number
Color
Description
Width
mm
Height
mm
Allen-Bradley
Terminal Block
Compatability
Weldmuller
Terminal Block
Compatability
Markers
Per
Roll
Std.
Pkg.
Qty.
TB05X12EWT-AB1
White
Flexible terminal block
markers on continuous rolls
5.0
12.0
1492-J3,
1492-W3
WDU 2.5
1000
1
TB06X12EWT-AB1
6.0
12.0
1492-J4,
1492-W4
WDU 4
1000
TB08X12EWT-AB1
8.0
12.0
1492-J6
WDU 6
750
TB05X08EWT-AB2
5.0
8.0
1492-JD3,
1492-L3
1492-LD3
1493-L3Q
WDR 2.5
1000
TB06X08EWT-AB2
6.0
8.0
1492-JD4,
1492-L4
1492-LD4
WDR 4
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com