Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS2-NET Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # VS2-NET
Description  VeriSafe 2.0 Network Module, Compatible with VeriSafe 2.0 AVT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

VS2-NET Datasheet(HTML) 1 Page - PANDUIT CORP.

  VS2-NET Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VeriSafe 2.0 Network Module, Compatible
with VeriSafe 2.0 AVT
VS2-NET
The VeriSafe 2.0 Network Module Accessory expands the benefit of the
VeriSafe AVT beyond a safety tool. Monitor, alert, log, and more with the
Verisafe 2.0 Network Module Accessory.
BEST SELLER
Specifications
Sub Brand
VeriSafe™
Product Type
VeriSafe Accessory
Standards Met
UL 508A, UL1406
For Use With
VeriSafe 2.0 AVT
Power Source
12-24VDC, PoE (10/100)
Network Compatible
Yes
Maximum Operating Temperature (°C)
60
Maximum Operating Temperature (°F)
140
Minimum Operating Temperature (°C)
-25
Minimum Operating Temperature (°F)
-13
Maximum Storage Temperature (°C)
85
Maximum Storage Temperature (°F)
185
Minimum Storage Temperature (°C)
-45
Minimum Storage Temperature (°F)
-49
Packaging Detail
UPC
61305682938
Std. Pkg. Qty.
1
Std. Pkg. Volume (cf)
0.0441
Std. Ctn. Qty.
40
Std. Ctn. Volume (cf)
1.7640
Infrastructure for a connected world
www.panduit.com
For service and technical support, call 1-800-777-3300
1
Part: VS2-NET


Similar Part No. - VS2-NET

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
VS2-AVT-1PF-08 PANDUIT-VS2-AVT-1PF-08 Datasheet
1Mb / 2P
VeriSafe Absence of Voltage Tester
VS2-AVT-3PB-08 PANDUIT-VS2-AVT-3PB-08 Datasheet
1Mb / 2P
VeriSafe 2.0 AVT 3P, 4 (2.4m) system cable, Battery Indicator
More results

Similar Description - VS2-NET

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
logo
AAEON Technology
PER-C20U AAEON-PER-C20U Datasheet
286Kb / 1P
Mini PCI USB 2.0 Module
logo
SMSC Corporation
USB2503-HZH SMSC-USB2503-HZH Datasheet
652Kb / 43P
Integrated USB 2.0 Compatible 3-Port Hub
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
USB 2.0 Compatible Micro Connectors
MX49 JAE-MX49 Datasheet
264Kb / 6P
Automotive USB 2.0 Standard Compatible Connector
logo
CUI INC
CP20 CUI-CP20 Datasheet
289Kb / 5P
2.0 A PELTIER MODULE
logo
E-CMOS Corporation
EC49024 E-CMOS-EC49024 Datasheet
403Kb / 9P
QC 2.0 Interface Module
logo
PANDUIT CORP.
VS-AVT-C02-L03 PANDUIT-VS-AVT-C02-L03 Datasheet
3Mb / 8P
VeriSafe??Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage.
logo
Beckhoff Automation Gmb...
C9900-E271 BECKHOFF-C9900-E271 Datasheet
155Kb / 1P
USB Extender 2.0 Tx module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com