Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2PW Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # R2PW
Description  NetRunner Vertical Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

R2PW Datasheet(HTML) 2 Page - PANDUIT CORP.

  R2PW Datasheet HTML 1Page - PANDUIT CORP. R2PW Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NetRunner™ Vertical Cable Managers
R2P – 19" Standard
EIA Rack, 19" x 7', 45 RU
1
5
WMP1E – 2 RU PatchLink™
Horizontal Cable Manager
6
NM2 – 2 RU NetManager™ High
Capacity Horizontal Cable Manager
7
RFG6X8 – Cool Boot™ Raised
Floor Air Sealing Grommet
8
8
2
3
WMPVHC45E (shown) –
6.7" Wide Front and Rear Vertical
Manager – 45 RU
WMPV45E – 4.9" Wide Front and
Rear Vertical Manager – 45 RU
WMPVWF
– Rack Top
Trough with Waterfall creates
pathway above rack, for use
with all Panduit 2-Post and 4-Post
racks
and WMPV45E and
WMPVHC45E
NREPB1 (shown) –
End Panel for WMPVHC45E
WMPV45EPB1 –
End Panel for WMPV45E
CMPH2 – 2 RU Open-Access™
Horizontal Cable Manager D-rings
installed on panels Front D-ring size
3"H x 3"D Rear D-ring size 3"H x 5"D
Width 19"
4
5
6
7
4
1
2
3
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
PANDUIT US/CANADA
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44.20.8601.7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: 65.6305.7575
PANDUIT JAPAN
Tokyo, Japan
Phone: 81.3.6863.6000
PANDUIT LATIN AMERICA
Guadalajara, Mexico
Phone: 52.33.3777.6000
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: 61.3.9794.9020
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
For more information
Visit us at www.panduit.com
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
©2020 Panduit Corp.
ALL RIGHTS RESERVED.
RKSP112--WW-ENG
7/2020



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com