Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS320SM Datasheet(PDF) 4 Page - CTS Corporation

Part # ATS320SM
Description  Leaded or Surface Mount Quartz Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS320SM Datasheet(HTML) 4 Page - CTS Corporation

  ATS320SM Datasheet HTML 1Page - CTS Corporation ATS320SM Datasheet HTML 2Page - CTS Corporation ATS320SM Datasheet HTML 3Page - CTS Corporation ATS320SM Datasheet HTML 4Page - CTS Corporation ATS320SM Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document No. 008-0309-0
Page 4 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
ATS/ATS-SM
Low Cost Quartz Crystal
MECHANICAL SPECIFICATIONS
PACKAGING INFORMATION
SUGGESTED SOLDER PAD GEOMETRY
0.335 [8.50]
0.217 [5.50]
Key: Inch [mm]
0.059 [1.50]
NOTES
1.
Lead finish (e1), SnAgCu.
ATS-SM PACKAGE DRAWING
MARKING INFORMATION
1. CTS Part Number.
2. ** - Manufacturing Site Code.
3. YYWW – Date Code, YY – year, WW – week.
4. Complete CTS part number, frequency value and
date code information must appear on reel and
box labels.
ATSXXXSM
CTS** YYWW
ATS Taping (Ammopak)
DIMENSIONS IN MILLIMETERS
3.81
12.70
Ø4.00
0.90 Max
18.00
18.00
22.50 Max
ATS-SM Tape and Reel
Ø330
Ø80
Ø13.00
120°
24.40
2.00
Ø1.55
4.00
0.40
DIMENSIONS IN MILLIMETERS
DIRECTION OF FEED
11.50
5.10
24.00
12.00
1.75
4.35
Ø21.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com