Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08AD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC08AD
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08AD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC08AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC08A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 19 April 2016
3 of 15
NXP Semiconductors
74LVC08A
Quad 2-input AND gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO14 packages: above 70
C derate linearly with 8 mW/K.
For (T)SSOP14 packages: above 60
C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
C derate linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10, 13
data input
1Y to 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
Table 3.
Function selection[1]
Input
Output
nA
nB
nY
LX
L
XL
L
HHH
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
50
mA
VO
output voltage
output HIGH or LOW-state
[2]
0.5
VCC + 0.5
V
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3]
-500
mW
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com