Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08ADB Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC08ADB
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08ADB Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC08ADB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC08ADB Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
74LVC08A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 19 April 2016
12 of 15
NXP Semiconductors
74LVC08A
Quad 2-input AND gate
13. Abbreviations
14. Revision history
Table 9.
Abbreviations
Acronym
Description
CDM
Charged Device Model
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC08A v.7
20160419
Product data sheet
74LVC08A v.6
Modifications:
• Table 2: Pin description for 1A to 4A inputs and 1Y to 4Y outputs swapped (errata).
74LVC08A v.6
20111216
Product data sheet
74LVC08A v.5
Modifications:
• The format of this document has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4, Table 5, Table 6, Table 7 and Table 8: values added for lower voltage ranges.
74LVC08A v.5
20030224
Product specification
-
74LVC08A v.4
74LVC08A v.4
20021030
Product specification
-
74LVC08A v.3
74LVC08A v.3
20020308
Product specification
-
74LVC08A v.2
74LVC08A v.2
19970630
Product specification
-
74LVC08A v.1
74LVC08A v.1
19970630
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com