Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14ADB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC14ADB
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14ADB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC14ADB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14ADB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
7. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level
Input nA
Output nY
L
H
H
L
8. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
VI
input voltage
[1]
-0.5
+6.5
V
VO
output voltage
[2]
-0.5
VCC + 0.5 V
IIK
input clamping current
VI < 0 V
-50
-
mA
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Tamb = -40 °C to +125 °C
SOT108-1; SOT337-1; SOT402-1; SOT762-1 [3]
-
500
mW
Ptot
total power dissipation
SOT8014-1
[4]
-
250
mW
[1] The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2] The output voltage ratings may be exceeded if the output current ratings are observed.
[3] For SOT108-1 (SO14) package: Ptot derates linearly with 10.1 mW/K above 100 °C.
For SOT337-1 (SSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
For SOT762-1 (DHVQFN14) package: Ptot derates linearly with 9.6 mW/K above 98 °C.
[4] For SOT8014-1 (DHXQFN14) package: Ptot derates linearly with 8.7 mW/K above 121 °C.
9. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
1.65
-
3.6
V
VCC
supply voltage
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
-40
-
+125
°C
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 29 April 2021
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com