Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244AD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC244AD
Description  Octal buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC244AD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC244AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC244AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Nexperia
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC244AD
74LVCH244AD
-40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVC244ADB
-40 °C to +125 °C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVC244APW
74LVCH244APW
-40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVC244ABQ
74LVCH244ABQ
-40 °C to +125 °C
DHVQFN20 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
20 terminals; body 2.5 × 4.5 × 0.85 mm
SOT764-1
74LVC244ABZ
-40 °C to +125 °C
DHXQFN20 plastic, leadless dual in-line compatible thermal
enhanced extreme thin quad flat package;
no leads; 20 terminals; 0.4 mm pitch;
body 2 mm × 3.2 mm × 0.48 mm
SOT8020-1
4. Functional diagram
12
14
2
4
6
8
18
16
1
EN
mna873
3
5
11
13
15
17
9
7
19
EN
Fig. 1. IEC logic diagram
mna875
1A3
1A2
1A1
1A0
2
4
6
8
1
1Y0
1Y1
18
16
14
12
1Y2
1Y3
1OE
2A3
2A2
2A1
2A0
17
15
13
11
19
2Y0
2Y1
3
5
7
9
2Y2
2Y3
2OE
Fig. 2. Functional diagram
74LVC_LVCH244A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
2 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com