Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86ABQ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC86ABQ
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC86ABQ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC86ABQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC86ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC86A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 19 October 2011
2 of 15
Nexperia
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
4.
Functional diagram
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna787
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
mna786
3
=1
=1
=1
=1
2
1
6
5
4
8
10
9
11
13
12
Fig 3.
Logic diagram for one gate
mna788
Y
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com