Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS40LS
Description  General-purpose Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS40LS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS40LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS40LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAS40LS
General-purpose Schottky diode
aaa-031868
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.05
0.10
0.33
0.50
0.75
0.25
0.01
0.20
0
0.02
FR4 PCB, 70 μm single sided copper, mounting pad for cathode 1 cm2
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
380
mV
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
500
mV
VF
forward voltage
IF = 40 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
1
V
VR = 30 V; Tamb = 25 °C
-
-
1
µA
IR
reverse current
VR = 40 V; Tamb = 25 °C
-
-
10
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tamb = 25 °C
-
-
5
pF
BAS40LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
7 August 2020
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com