Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LSYL Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS40LSYL
Description  General-purpose Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS40LSYL Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS40LSYL Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS40LSYL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BAS40LS
General-purpose Schottky diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
Transparent
top view
2
1
DFN1006BD-2 (SOD882BD)
sym001
K
A
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS40LS
DFN1006BD-2 Leadless ultra small plastic package with side-wettable flanks
(SWF); 2 terminals; 0.65 mm pitch; 1 mm x 0.6 mm x 0.47 mm
body
SOD882BD
7. Marking
Table 4. Marking codes
Type number
Marking code
BAS40LS
N2
BAS40LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
7 August 2020
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com