Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP1T34GSH Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # AXP1T34GSH
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34GSH Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  AXP1T34GSH Datasheet HTML 1Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 2Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 3Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 4Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 5Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 6Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 7Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 8Page - Nexperia B.V. All rights reserved AXP1T34GSH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level.
Supply voltage
Input
Output
VCCI
VCCO
A
Y
0.9 V to 5.5 V
0.9 V to 5.5 V
L
L
0.9 V to 5.5 V
0.9 V to 5.5 V
H
H
GND[1]
0.9 V to 5.5 V
X
Z
0.9 V to 5.5 V
GND[1]
X
Z
GND[1]
GND[1]
X
Z
[1] If VCCI or VCCO is at GND level, the device goes into suspend mode.
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCI
input supply voltage
-0.5
+6.5
V
VCCO
output supply voltage
-0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
-0.5
+6.5
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1]
[2]
-0.5
VCCO + 0.5 V
VO
output voltage
Suspend or 3-state mode
[1]
-0.5
+6.5
V
IO
output current
VO = 0 V to VCCO
-
±25
mA
ICC
supply current
ICCI or ICCO; per VCC pin
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
250
mW
[1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO + 0.5 V should not exceed 6.5 V.
[3] For SOT353-1 (TSSOP5) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT886 (XSON6) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT1202 (XSON6) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT1226-3 (X2SON5) package: Ptot derates linearly with 3.0 mW/K above 67 °C.
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
4 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com